Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ5850 Datasheet (PDF) - MPS Industries, Inc.

MPQ5850 Datasheet PDF - MPS Industries, Inc.
Part # MPQ5850
Download  MPQ5850 Download
File Size   2147.52 Kbytes
Page   29 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified

MPQ5850 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ5850 Datasheet PDF - MPS Industries, Inc.

Part # MPQ5850
Download  MPQ5850 Click to download

File Size   2147.52 Kbytes
Page   29 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified

MPQ5850 Datasheet (HTML) - MPS Industries, Inc.


MPQ5850 Product details

DESCRIPTION
The MPQ5850 is a smart diode controller that
can drive an external N-channel MOSFET to
replace a Schottky diode for reverse input
protection. The device’s 20mV ultra-low dropout
minimizes power loss and enables a low
minimum input voltage, which makes the
MPQ5850 well-suited for cold-crank conditions
in automotive applications. The 4μA shutdown
current also makes the device ideal for batterypowered
applications. The ultra-fast transient
response meets stringent ISO16750
requirements.
The MPQ5850 integrates an internal boost to
provide a boost voltage that turns on the external
N-channel MOSFET, even at a low input voltage
(VIN). An open-drain, power good signal
indicates when the external N-channel MOSFET
is fully on.
The MPQ5850 is available in a TSOT23-8
(2mmx3mm) package.

FEATURES
• Built to Handle Tough Automotive
Transients:
o -36V Blocking Voltage
o Load Dump Up to 42V
o Cold Crank Down to 0V
o Rectifies AC Frequency Up to 100kHz
o Strong Gate Drive Ability: 170mA Pull-
Up and 430mA Pull-Down
• Extended Vehicle Battery Life:
o Low Quiescent Current in Standby
Mode (4μA)
o Low Quiescent Current in Steady State
(30μA)
• Reduced Board Size:
o Available in a TSOT23-8 (2mmx3mm)
Package
• Additional Features:
o 20mV Ultra-Low Dropout
o Integrates a Boost Converter
o Power Good (PG) Indication for RES
Out of Regulation, Fast Pull-Up, and
Part Disabling
o Available in AEC-Q100 Grade 1

APPLICATIONS
• Automotive System Protection
• Automotive ADAS Systems (Cameras)
• Automotive Infotainment Systems, Including
Digital Clusters and Head Units
• Battery-Powered Systems




Similar Part No. - MPQ5850

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ5850 MPS-MPQ5850 Datasheet
2Mb / 29P
36V, Smart Diode Controller with Reverse Protection, AEC-Q100 Qualified
2/9/2022 Rev. 1.1
MPQ5850GJ MPS-MPQ5850GJ Datasheet
2Mb / 29P
36V, Smart Diode Controller with Reverse Protection, AEC-Q100 Qualified
2/9/2022 Rev. 1.1
MPQ5850GJ-AEC1 MPS-MPQ5850GJ-AEC1 Datasheet
2Mb / 29P
36V, Smart Diode Controller with Reverse Protection, AEC-Q100 Qualified
2/9/2022 Rev. 1.1
MPQ5850GJ-AEC1-Z MPS-MPQ5850GJ-AEC1-Z Datasheet
2Mb / 29P
36V, Smart Diode Controller with Reverse Protection, AEC-Q100 Qualified
2/9/2022 Rev. 1.1
MPQ5850GJ-P MPS-MPQ5850GJ-P Datasheet
2Mb / 29P
36V, Smart Diode Controller with Reverse Protection, AEC-Q100 Qualified
2/9/2022 Rev. 1.1
More results


Similar Description - MPQ5850

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
AEC Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com