Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83932 Datasheet (PDF) - Belden Inc.

83932 Datasheet PDF - Belden Inc.
Part # 83932
Download  83932 Download
File Size   158.85 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Type JX Thermocouple, 1 Pr #20 Str, FEP Ins Wht, Red, Blk FEP Jkt, 300V CL3P 200C PLTC SUN RES

83932 Datasheet (PDF)

Go To PDF Page Download Datasheet
83932 Datasheet PDF - Belden Inc.

Part # 83932
Download  83932 Click to download

File Size   158.85 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Type JX Thermocouple, 1 Pr #20 Str, FEP Ins Wht, Red, Blk FEP Jkt, 300V CL3P 200C PLTC SUN RES

83932 Datasheet (HTML) - Belden Inc.


83932 Product details

Product Description
Type JX Thermocouple, 1 Pair 20AWG (7x28) Iron+Constantan, FEP Insulation Wht, Red Color Code, Black FEP Outer Jacket, CL3P 200C PLTC SUN RES




Similar Part No. - 83932

ManufacturerPart #DatasheetDescription
logo
V-COIL THREAD SYSTEM
8393 V-COIL-8393 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Vishay Siliconix
83930 VISHAY-83930 Datasheet
40Kb / 2P
PD45, Lens
03-Jun-04
logo
Belden Inc.
83930 BELDEN-83930 Datasheet
157Kb / 2P
Type JX Thermocouple, 1 Pr #20 Str, FEP Ins Wht, Red, Blk FEP Jkt, 300V CL3P 200C PLTC SUN RES
11-09-2022
83930-0101000 BELDEN-83930-0101000 Datasheet
157Kb / 2P
Type JX Thermocouple, 1 Pr #20 Str, FEP Ins Wht, Red, Blk FEP Jkt, 300V CL3P 200C PLTC SUN RES
11-09-2022
83930-010500 BELDEN-83930-010500 Datasheet
157Kb / 2P
Type JX Thermocouple, 1 Pr #20 Str, FEP Ins Wht, Red, Blk FEP Jkt, 300V CL3P 200C PLTC SUN RES
11-09-2022
More results


Similar Description - 83932

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1115A BELDEN-1115A Datasheet
177Kb / 2P
Type JX Thermocouple, 1 Pr #16 Sol, FEP Ins Wht, Red, OS, Blk FEP Jkt,300V PLTC CL2P 200C SUN RES
06-01-2023
83930 BELDEN-83930 Datasheet
157Kb / 2P
Type JX Thermocouple, 1 Pr #20 Str, FEP Ins Wht, Red, Blk FEP Jkt, 300V CL3P 200C PLTC SUN RES
11-09-2022
83900 BELDEN-83900 Datasheet
157Kb / 2P
Type J Thermocouple, 1 Pr #20 Sol, FEP Ins Wht, Red, Brn FEP Jkt, 300V CL3P 200C PLTC SUN RES
04-14-2023
83910 BELDEN-83910 Datasheet
156Kb / 2P
Type T Thermocouple, 1 Pr #20 Sol, FEP Ins Blu, Red, Brn FEP Jkt, 300V CL3P 200C PLTC SUN RES
04-14-2023
83915 BELDEN-83915 Datasheet
157Kb / 2P
Type E Thermocouple, 1 Pr #20 Sol, FEP Ins Pur, Red, Brn FEP Jkt, 300V CL3P 200C PLTC SUN RES
11-09-2022
83952 BELDEN-83952 Datasheet
180Kb / 2P
Type KX Thermocouple, 1 Pr #20 Str, FEP Ins Yel, Red, Yellow FEP Jkt, 300V CL3P 200C PLTC SUN RES
04-28-2023
83955 BELDEN-83955 Datasheet
159Kb / 2P
Type EX Thermocouple, 1 Pr #20 Str, FEP Ins Pur, Red, Purple FEP Jkt,300V CL3P 200C PLTC SUN RES
11-09-2022
83950 BELDEN-83950 Datasheet
173Kb / 2P
Type JX Thermocouple, 1 Pr #20 Str, FEP Ins Wht, Red, Blk FEP Jkt, 300V CL3P 200C PLTC SUN RES
04-28-2023
83951 BELDEN-83951 Datasheet
160Kb / 2P
Type JX Thermocouple, 1 Pr #16 Str,FEP Ins Wht, Red, OS, Blk FEP Jkt,300V CL3P 200C PLTC SUN RES
04-14-2023
83954 BELDEN-83954 Datasheet
159Kb / 2P
Type TX Thermocouple, 1 Pr #20 Str, FEP Ins Blu, Red, Blue FEP Jkt, 300V CL3P 200C PLTC SUN RES
11-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com