Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRN-110S Datasheet (PDF) - Integrated Power Designs Inc.

GRN-110S Datasheet PDF - Integrated Power Designs Inc.
Part # GRN-110S
Download  GRN-110S Download
File Size   401.09 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description 110 WATTS SINGLE OUTPUT AC-DC

GRN-110S Datasheet (PDF)

Go To PDF Page Download Datasheet
GRN-110S Datasheet PDF - Integrated Power Designs Inc.

Part # GRN-110S
Download  GRN-110S Click to download

File Size   401.09 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description 110 WATTS SINGLE OUTPUT AC-DC

GRN-110S Datasheet (HTML) - Integrated Power Designs Inc.


GRN-110S Product details

FEATURES:
• Compact 3.0” x 5.0” x 1.25” Size
• 3 Year Warranty
• Universal 85-264V Input
• Single Output
• 90% Peak Efficiency
• 87% Average Efficiency
• <300mW No Load Input Power
• IEC 60601-1 3rd ed. Medical Cert.
• IEC 62368-1 2nd ed. Certification
• IEC 60601-1-2 4th ed. EMC
• Class B Emissions per EN55011/32
• 0-70°C Operating Temperature
• RoHS Compliant
• Optional Chassis/Cover




Similar Part No. - GRN-110S

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
GRN-110-2001 IPDPOWER-GRN-110-2001 Datasheet
385Kb / 2P
110 WATTS MULTI OUTPUT AC-DC
GRN-110-2002 IPDPOWER-GRN-110-2002 Datasheet
385Kb / 2P
110 WATTS MULTI OUTPUT AC-DC
GRN-110-2003 IPDPOWER-GRN-110-2003 Datasheet
385Kb / 2P
110 WATTS MULTI OUTPUT AC-DC
GRN-110-2004 IPDPOWER-GRN-110-2004 Datasheet
385Kb / 2P
110 WATTS MULTI OUTPUT AC-DC
GRN-110-3001 IPDPOWER-GRN-110-3001 Datasheet
385Kb / 2P
110 WATTS MULTI OUTPUT AC-DC
More results


Similar Description - GRN-110S

ManufacturerPart #DatasheetDescription
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
PM110 POWERBOX-PM110 Datasheet
793Kb / 2P
72 - 110 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PMP110 POWERBOX-PMP110 Datasheet
1Mb / 2P
110 WATTS MULTIPLE OUTPUT AC/DC MEDICAL
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-110 IPDPOWER-DC4-110 Datasheet
390Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
GRN-110M IPDPOWER-GRN-110M Datasheet
385Kb / 2P
110 WATTS MULTI OUTPUT AC-DC
GRN-80S IPDPOWER-GRN-80S Datasheet
374Kb / 2P
80 WATTS SINGLE OUTPUT AC-DC
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
100 WATTS SINGLE OUTPUT AC-DC
NXT-175 IPDPOWER-NXT-175 Datasheet
431Kb / 2P
175 WATTS SINGLE OUTPUT AC-DC
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com