Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NXT-400M-FN Datasheet (PDF) - Integrated Power Designs Inc.

NXT-400M-FN Datasheet PDF - Integrated Power Designs Inc.
Part # NXT-400M-FN
Download  NXT-400M-FN Download
File Size   376.99 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description 400 WATTS MULTI OUTPUT AC-DC

NXT-400M-FN Datasheet (PDF)

Go To PDF Page Download Datasheet
NXT-400M-FN Datasheet PDF - Integrated Power Designs Inc.

Part # NXT-400M-FN
Download  NXT-400M-FN Click to download

File Size   376.99 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description 400 WATTS MULTI OUTPUT AC-DC

NXT-400M-FN Datasheet (HTML) - Integrated Power Designs Inc.


NXT-400M-FN Product details

FEATURES:
• Compact 4.15” x 8.40” x 1.61” Size
• 1U Height
• 3 Year Warranty
• Universal 85-264V Input
• 2-4 Regulated & Adjustable Outputs
• 90% Peak/87% Average Efficiency
• <300mW No Load Input Power
• -20 to +70°C Operating Temperature
• IEC 60601-1 3rd ed. Medical Cert.
• IEC 62368-1 2nd ed. Certification
• IEC 60601-1-2 4th ed. EMC
• Class B Emissions per EN55011/32
• Optional 5V/2A Standby Output
• Optional Remote Inhibit/Enable
• RoHS Compliant




Similar Part No. - NXT-400M-FN

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
NXT-400M-2001 IPDPOWER-NXT-400M-2001 Datasheet
486Kb / 2P
MULTI OUTPUT AC-DC
REV. KKL 10/7/2022
NXT-400M-2002 IPDPOWER-NXT-400M-2002 Datasheet
486Kb / 2P
MULTI OUTPUT AC-DC
REV. KKL 10/7/2022
NXT-400M-2003 IPDPOWER-NXT-400M-2003 Datasheet
486Kb / 2P
MULTI OUTPUT AC-DC
REV. KKL 10/7/2022
NXT-400M-2004 IPDPOWER-NXT-400M-2004 Datasheet
486Kb / 2P
MULTI OUTPUT AC-DC
REV. KKL 10/7/2022
NXT-400M-3001 IPDPOWER-NXT-400M-3001 Datasheet
486Kb / 2P
MULTI OUTPUT AC-DC
REV. KKL 10/7/2022
More results


Similar Description - NXT-400M-FN

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
ELS-120 IPDPOWER-ELS-120 Datasheet
347Kb / 2P
120 WATTS SINGLE/MULTI OUTPUT AC-DC
Rev. X 10/06/2022
GRN-45 IPDPOWER-GRN-45 Datasheet
386Kb / 2P
45 WATTS MULTI OUTPUT AC-DC
REV. X 10/9/2022
GRN-80M IPDPOWER-GRN-80M Datasheet
399Kb / 2P
80 WATTS MULTI OUTPUT AC-DC
REV. Y 10/6/2022
GRN-110M IPDPOWER-GRN-110M Datasheet
385Kb / 2P
110 WATTS MULTI OUTPUT AC-DC
GRN-200-FN IPDPOWER-GRN-200-FN Datasheet
356Kb / 2P
200 WATTS MULTI OUTPUT AC-DC
GRN-200 IPDPOWER-GRN-200 Datasheet
438Kb / 2P
200 WATTS MULTI OUTPUT AC-DC
NXT-400-FN IPDPOWER-NXT-400-FN Datasheet
322Kb / 2P
400 WATTS SINGLE OUTPUT AC-DC
NXT-400 IPDPOWER-NXT-400 Datasheet
483Kb / 2P
400 WATTS SINGLE OUTPUT AC-DC
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-70 IPDPOWER-REL-70 Datasheet
365Kb / 2P
70 WATTS SINGLE/MULTI OUTPUT AC-DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com