Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDB302402 Datasheet (PDF) - Lapp.

UDB302402 Datasheet PDF - Lapp.
Part # UDB302402
Download  UDB302402 Download
File Size   102.47 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC® 300 S

UDB302402 Datasheet (PDF)

Go To PDF Page Download Datasheet
UDB302402 Datasheet PDF - Lapp.

Part # UDB302402
Download  UDB302402 Click to download

File Size   102.47 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC® 300 S

UDB302402 Datasheet (HTML) - Lapp.


UDB302402 Product details

APPLICATION
UNITRONIC® 300 S is a rugged, multi-conductor, low voltage control and signal cable for internal and external wiring of OEM equipment for industrial applications. The jacket is very oil resistant and is pressure extruded for improved flexibility and easier installation. The shield consists of a foil tape and tinned copper braid for maximum RFI & EMI protection.
Applications:
Process control; electrical equipment; industrial machinery; low-voltage control interconnect.
Underwriters Laboratories
28 AWG - 24 AWG: Communications and internal or external wiring of electrical and electronic equipment.
22 AWG - 20 AWG: Power Limited and Instrumentation Tray; Communication and internal or external
wiring of electrical and electronic equipment.
18 AWG - 16 AWG: Power Limited (Exposed Run) and Instrumentation Tray; Communication and
internal or external wiring of electrical and electronic equipment.
Canadian Standards
For Communications, Appliance Wiring Material and internal or external wiring of electrical and electronic equipment applications.




Similar Part No. - UDB302402

ManufacturerPart #DatasheetDescription
logo
Lapp.
UDB302401 LAPP-UDB302401 Datasheet
102Kb / 2P
UNITRONIC® 300 STP
May 15, 2019
More results


Similar Description - UDB302402

ManufacturerPart #DatasheetDescription
logo
Lapp.
0028202 LAPP-0028202 Datasheet
63Kb / 1P
UNITRONIC® LiYY
2021-04-06
0031350 LAPP-0031350 Datasheet
66Kb / 1P
UNITRONIC® Li2YCYv (TP)
18.10.2019
0032202 LAPP-0032202 Datasheet
63Kb / 1P
UNITRONIC® LiYCY-CY
01.01.2019
0037100 LAPP-0037100 Datasheet
67Kb / 2P
UNITRONIC® LiHH
2021-08-17
0037302 LAPP-0037302 Datasheet
67Kb / 2P
UNITRONIC® LiHCH
2021-08-17
0044602 LAPP-0044602 Datasheet
65Kb / 1P
UNITRONIC® LiYCY A
27.03.2019
0034302 LAPP-0034302 Datasheet
65Kb / 1P
UNITRONIC® LiYCY
2021-04-06
7038897 LAPP-7038897 Datasheet
73Kb / 1P
UNITRONIC® ROBUST S/A FD
01.01.2019
UDB302401 LAPP-UDB302401 Datasheet
102Kb / 2P
UNITRONIC® 300 STP
May 15, 2019
UDB602802 LAPP-UDB602802 Datasheet
38Kb / 2P
UNITRONIC® 190
January 1, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com