Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74AC00D Datasheet (PDF) - ON Semiconductor

MC74AC00D Datasheet PDF - ON Semiconductor
Part # MC74AC00D
Download  MC74AC00D Download
File Size   148.94 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput NAND Gate

MC74AC00D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74AC00D Datasheet PDF - ON Semiconductor

Part # MC74AC00D
Download  MC74AC00D Click to download

File Size   148.94 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput NAND Gate

MC74AC00D Datasheet (HTML) - ON Semiconductor


MC74AC00D Product details

Features
• Output Drive Capability: 24 mA
• Operating Voltage Range: 2 to 6 V AC00; 4.5 to 5.5 ACT00
• Low Input Current: 1.0㎂
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance With the JEDEC Standard No. 7A Requirements
• Chip Complexity: 32 FETs
• Pb−Free Packages are Available




Similar Part No. - MC74AC00D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC00D MOTOROLA-MC74AC00D Datasheet
126Kb / 5P
QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74AC00DG ONSEMI-MC74AC00DG Datasheet
90Kb / 8P
Quad 2-Input NAND Gate
January, 2015 ??Rev. 10
MC74AC00DR2G ONSEMI-MC74AC00DR2G Datasheet
90Kb / 8P
Quad 2-Input NAND Gate
January, 2015 ??Rev. 10
MC74AC00DTR2G ONSEMI-MC74AC00DTR2G Datasheet
90Kb / 8P
Quad 2-Input NAND Gate
January, 2015 ??Rev. 10
More results


Similar Description - MC74AC00D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC132 ONSEMI-MC74AC132 Datasheet
126Kb / 8P
Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC14093B ONSEMI-MC14093B_06 Datasheet
160Kb / 9P
Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com