Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2147552021 Datasheet (PDF) - Molex Electronics Ltd.

2147552021 Datasheet PDF - Molex Electronics Ltd.
Part # 2147552021
Download  2147552021 Download
File Size   505.62 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MICRO-FIT3.0 R-R 2 CIRCUIT 150MM Au

2147552021 Datasheet (PDF)

Go To PDF Page Download Datasheet
2147552021 Datasheet PDF - Molex Electronics Ltd.

Part # 2147552021
Download  2147552021 Click to download

File Size   505.62 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MICRO-FIT3.0 R-R 2 CIRCUIT 150MM Au

2147552021 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2147552021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2147552022 MOLEX-2147552022 Datasheet
37Kb / 1P
Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Off-the-Shelf (OTS) Cable Assembly, Dual Row, 300.00mm Length, Gold (Au) Plating, 2 Circuits, Black
More results


Similar Description - 2147552021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2147551021 MOLEX-2147551021 Datasheet
506Kb / 1P
MICRO-FIT3.0 R-R 2 CIRCUIT 150MM Sn
2020/01/18
2147551041 MOLEX-2147551041 Datasheet
535Kb / 1P
MICRO-FIT3.0 R-R 4 CIRCUIT 150MM Sn
2020/01/18
2147552062 MOLEX-2147552062 Datasheet
570Kb / 1P
MICRO-FIT3.0 R-R 6 CIRCUIT 300MM Au
2020/01/18
2147552082 MOLEX-2147552082 Datasheet
602Kb / 1P
MICRO-FIT3.0 R-R 8 CIRCUIT 300MM Au
2020/01/18
2147552101 MOLEX-2147552101 Datasheet
626Kb / 1P
MICRO-FIT3.0 R-R 10 CIRCUIT 150MM Au
2020/01/18
2147561061 MOLEX-2147561061 Datasheet
581Kb / 1P
MICRO-FIT3.0 R-S 6 CIRCUIT 150MM Sn
2020/01/18
2147562061 MOLEX-2147562061 Datasheet
578Kb / 1P
MICRO-FIT3.0 R-S 6 CIRCUIT 150MM Au
2020/01/18
2147562101 MOLEX-2147562101 Datasheet
628Kb / 1P
MICRO-FIT3.0 R-S 10 CIRCUIT 150MM Au
2020/01/18
2147572021 MOLEX-2147572021 Datasheet
505Kb / 1P
MICRO-FIT3.0 P-P 2 CIRCUIT 150MM Au
2020/01/18
2147582021 MOLEX-2147582021 Datasheet
525Kb / 1P
MICRO-FIT3.0 P-S 2 CIRCUIT 150MM Au
2020/01/18
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com