Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1671108 Datasheet (PDF) - PHOENIX CONTACT

1671108 Datasheet PDF - PHOENIX CONTACT
Part # 1671108
Download  1671108 Download
File Size   2796.44 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-EC-M12FS-5CON-PG9/0,5 - Device connector front mounting

1671108 Datasheet (PDF)

Go To PDF Page Download Datasheet
1671108 Datasheet PDF - PHOENIX CONTACT

Part # 1671108
Download  1671108 Click to download

File Size   2796.44 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-EC-M12FS-5CON-PG9/0,5 - Device connector front mounting

1671108 Datasheet (HTML) - PHOENIX CONTACT


1671108 Product details

Device connector front mounting, Universal, 5-position, Flush-type female connector, straight,
M12-Standard, coding: A , on free cable end, Front mounting, Pg9, Individual wires, cable length:
0.5 m, 0.34 mm2, TPE litz wire, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1245646

Your advantages
• Pre-assembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1671108

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1671100000 WEIDMULLER-1671100000 Datasheet
98Kb / 6P
BLZF 5.08/2/90 SN OR
1671100000 WEIDMULLER-1671100000 Datasheet
98Kb / 6P
BLZF 5.08/3/90 SN OR
1671100000 WEIDMULLER-1671100000 Datasheet
98Kb / 6P
BLZF 5.08/2/90 SN SW
1671100000 WEIDMULLER-1671100000 Datasheet
98Kb / 6P
BLZF 5.08/4/90 SN SW
1671100000 WEIDMULLER-1671100000 Datasheet
98Kb / 6P
BLZF 5.08/4/90 SN OR
More results


Similar Description - 1671108

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1436356 PHOENIX-1436356 Datasheet
1Mb / 14P
SACC-DSI-M12FS-5CON-PG9/0,5 P - Device connector, rear mounting
1513761 PHOENIX-1513761 Datasheet
1Mb / 12P
SACC-EC-M12FS-8CON-PG9/0,5 - Device connector front mounting
1671098 PHOENIX-1671098 Datasheet
2Mb / 15P
SACC-E-M12FS-5CON-PG9/0,5 - Device connector front mounting
1671111 PHOENIX-1671111 Datasheet
1Mb / 15P
SACC-E-M12MS-5CON-PG9/0,5 - Device connector front mounting
1671124 PHOENIX-1671124 Datasheet
1Mb / 13P
SACC-EC-M12MS-5CON-PG9/0,5 - Device connector front mounting
1683756 PHOENIX-1683756 Datasheet
1Mb / 10P
SACC-EC-M12MS-5CON-PG9/1,5 - Device connector front mounting
1693775 PHOENIX-1693775 Datasheet
1Mb / 13P
SACC-EC-M12MS-4CON-PG9/0,5 - Device connector front mounting
1693791 PHOENIX-1693791 Datasheet
1Mb / 14P
SACC-EC-M12FS-4CON-PG9/0,5 - Device connector front mounting
1699863 PHOENIX-1699863 Datasheet
2Mb / 14P
SACC-E-M12FS-5CON-PG9/0,5 VA - Device connector front mounting
1515044 PHOENIX-1515044 Datasheet
1Mb / 13P
SACC-EC-M12FSB-5CON-PG9/0,5 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com