Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3102A Datasheet (PDF) - Belden Inc.

3102A Datasheet PDF - Belden Inc.
Part # 3102A
Download  3102A Download
File Size   167.25 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 300V, (1 triad) 12 AWG (7x20) BC, PVC/PVC, Foil Shld, PLTC

3102A Datasheet (PDF)

Go To PDF Page Download Datasheet
3102A Datasheet PDF - Belden Inc.

Part # 3102A
Download  3102A Click to download

File Size   167.25 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 300V, (1 triad) 12 AWG (7x20) BC, PVC/PVC, Foil Shld, PLTC

3102A Datasheet (HTML) - Belden Inc.


3102A Product details

Product Description
One 12 AWG triad stranded (7x20) bare copper conductors, twisted triads, PVC insulation, overall Beldfoil® shield (100% coverage), PVC jacket.




Similar Part No. - 3102A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
3102 GILWAY-3102 Datasheet
33Kb / 1P
T- Subminiature Lamps
logo
Voltage Multipliers Inc...
3102 VMI-3102 Datasheet
151Kb / 2P
200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
List of Unclassifed Man...
3102 ETC2-3102 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Heyco.
3102 HEYCO-3102 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Infinite Electronics In...
3102 L-COM-3102 Datasheet
70Kb / 1P
N-FEMALE BULKHEAD CRIMP CONNECTOR FOR LMR100
10/31/13
More results


Similar Description - 3102A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3039A BELDEN-3039A Datasheet
171Kb / 3P
300V, (24 triad) 18 AWG (7x26) BC, (1) 22 AWG (7x30) BC, PVC/PVC, IS/OS, PLTC-ER, CMG
08-09-2023
31T1612 BELDEN-31T1612 Datasheet
148Kb / 2P
Inst PVC/PVC, 12 Tri #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
HP120412 BELDEN-HP120412 Datasheet
141Kb / 2P
Inst, 4 Pr #12 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC SUN RES
03-02-2023
HP121612 BELDEN-HP121612 Datasheet
142Kb / 2P
Inst, 16 Pr #12 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC SUN RES
03-02-2023
1035A BELDEN-1035A Datasheet
192Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, Blk PVC Jkt, 300V PLTC ITC CMG
04-28-2023
3053A BELDEN-3053A Datasheet
171Kb / 3P
300V, (16 triad) 16 AWG (7x24) BC, (1) 22 AWG (7x30) BC,FR-PVC/FR-PVC, IS/OS, PLTC-ER, CMG
08-09-2023
1034A BELDEN-1034A Datasheet
154Kb / 2P
Inst, 1 Tri #16 Str BC, PVC Ins E1, Blk PVC Jkt, 300V PLTC ITC CMG
12-16-2022
3037A BELDEN-3037A Datasheet
164Kb / 2P
300V, (16 triad) 18 AWG (7x26) BC, (1) 22 AWG (7x30) BC, PVC/PVC, IS/OS, PLTC-ER, CMG
08-10-2023
31P1608 BELDEN-31P1608 Datasheet
145Kb / 2P
300V, (8 pr) 16 AWG (7x24) BC, PVC/PVC, IS/OS Foil Shld, PLTC/ITC, CMG
04-08-2022
48641AZ BELDEN-48641AZ Datasheet
137Kb / 2P
600V Tray, (2) 12 AWG (7x20) BCGrd, PVC-NYL/PVC, TC
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com