Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C642 Datasheet (PDF) - Microchip Technology

PIC16C642 Datasheet PDF - Microchip Technology
Part # PIC16C642
Download  PIC16C642 Download
File Size   63.59 Kbytes
Page   5 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC16C642 Rev. A Silicon Errata Sheet

PIC16C642 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16C642 Datasheet PDF - Microchip Technology

Part # PIC16C642
Download  PIC16C642 Click to download

File Size   63.59 Kbytes
Page   5 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC16C642 Rev. A Silicon Errata Sheet

PIC16C642 Datasheet (HTML) - Microchip Technology


PIC16C642 Product details

GENERAL DESCRIPTION
PIC16C64X & PIC16C66X devices are 28-pin and 40-pin EPROM-based members of the versatile PIC16CXXX family of low-cost, high-performance, CMOS, fully-static, 8-bit microcontrollers.

High Performance RISC CPU:
• Only 35 instructions to learn
• All single-cycle instructions (200 ns), except for
   program branches which are two-cycle
• Operating speed:
   - DC - 20 MHz clock input
   - DC - 200 ns instruction cycle
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect and Relative addressing modes

Peripheral Features:
• Up to 33 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
   - Two analog comparators
   - Programmable on-chip voltage reference
      (VREF) module
   - Programmable input multiplexing from device
      inputs and internal voltage reference
   - Comparator outputs can be output signals
• Timer0: 8-bit timer/counter with 8-bit
   programmable prescaler

Special Microcontroller Features:
• Power-on Reset (POR)
• Power-up Timer (PWRT) and
   Oscillator Start-up Timer (OST)
• Brown-out Reset
• Watchdog Timer (WDT) with its own on-chip RC
   oscillator for reliable operation
• Programmable code protection
• Power saving SLEEP mode
• Selectable oscillator options
• Serial in-circuit programming (via two pins)
• Four user programmable ID locations
• Program Memory Parity Error checking circuitry
   with Parity Error Reset (PER)

CMOS Technology:
• Low-power, high-speed CMOS EPROM technology
• Fully static design
• Wide operating voltage range: 3.0V to 6.0V
• Commercial, Industrial and Automotive
   temperature ranges
• Low power consumption
   - < 2.0 mA @ 5.0V, 4.0 MHz
   - 15 µA typical @ 3.0V, 32 kHz
   - < 1.0 µA typical standby current @ 3.0V




Similar Part No. - PIC16C642

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C642 MICROCHIP-PIC16C642 Datasheet
634Kb / 136P
8-Bit EPROM Microcontrollers with Analog Comparators
1996 - 1999
PIC16C642 MICROCHIP-PIC16C642 Datasheet
1Mb / 337P
8-Bit CMOS Microcontrollers
01/18/02
PIC16C642-04/JW MICROCHIP-PIC16C642-04/JW Datasheet
634Kb / 136P
8-Bit EPROM Microcontrollers with Analog Comparators
1996 - 1999
PIC16C642-04/L MICROCHIP-PIC16C642-04/L Datasheet
634Kb / 136P
8-Bit EPROM Microcontrollers with Analog Comparators
1996 - 1999
PIC16C642-04/P MICROCHIP-PIC16C642-04/P Datasheet
634Kb / 136P
8-Bit EPROM Microcontrollers with Analog Comparators
1996 - 1999
More results


Similar Description - PIC16C642

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C662 MICROCHIP-PIC16C662 Datasheet
65Kb / 4P
PIC16C662 Rev. A Silicon Errata Sheet
1998 - 1999
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
Silicon Errata Sheet
1998 - 1999
PIC16C73A MICROCHIP-PIC16C73A Datasheet
68Kb / 4P
Errata Sheet for Rev. B PIC16C73A Silicon
1996
PIC18F8720 MICROCHIP-PIC18F8720 Datasheet
289Kb / 12P
Rev. A4 Silicon/Data Sheet Errata
2005
PIC12F508-I-SN MICROCHIP-PIC12F508-I-SN Datasheet
277Kb / 4P
PIC12F508/509 Rev. A Silicon/Data Sheet Errata
06/25/07
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
PIC12C508A-04I-SM MICROCHIP-PIC12C508A-04I-SM Datasheet
48Kb / 6P
Errata Sheet for PIC12C508A/509A (Rev. A Silicon)
05/16/00
PIC16C717-EP MICROCHIP-PIC16C717-EP Datasheet
94Kb / 6P
PIC16C717/770/771 Rev. C Silicon/Data Sheet Errata
08/01/02
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
PIC10F220/222 Rev. A Silicon Errata
02/16/06
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
64Kb / 4P
PIC16CR83 Rev. A Silicon Errata Sheet
11/15/99
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com