Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7085 Datasheet (PDF) - Unisonic Technologies

M7085 Datasheet PDF - Unisonic Technologies
Part # M7085
Download  M7085 Download
File Size   130.7 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PFM STEP-DOWN DC-DC CONTROLLER

M7085 Datasheet (PDF)

Go To PDF Page Download Datasheet
M7085 Datasheet PDF - Unisonic Technologies

Part # M7085
Download  M7085 Click to download

File Size   130.7 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PFM STEP-DOWN DC-DC CONTROLLER

M7085 Datasheet (HTML) - Unisonic Technologies


M7085 Product details

DESCRIPTION
The UTC M7085 step-down DC-DC Controller is optimized for use with a power PMOSFET. It utilize a Pulse-Frequency Modulation (PFM) control scheme that implies high efficiency operation at light loads.

FEATURES
* High efficiency 90% and up is possible
* Low dropout operation:100% duty cycle
* Maximum operating frequency > 1MHz
* Two methods of over-current protection
* 4.5V ~ 35V wide input range
* 1.24V ~ VIN adjustable output range




Similar Part No. - M7085

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
M7085G-SM1-R UTC-M7085G-SM1-R Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
M7085G-SM1-T UTC-M7085G-SM1-T Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
M7085L-SM1-R UTC-M7085L-SM1-R Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
M7085L-SM1-T UTC-M7085L-SM1-T Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
More results


Similar Description - M7085

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
M7085 UTC-M7085_12 Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
PFM Step-Up DC-DC Controller
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com