Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4034-SM1-R Datasheet (PDF) - Unisonic Technologies

M4034-SM1-R Datasheet PDF - Unisonic Technologies
Part # M4034-SM1-R
Download  M4034-SM1-R Download
File Size   246.93 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3-INPUT VIDEO SWITCH

M4034-SM1-R Datasheet (PDF)

Go To PDF Page Download Datasheet
M4034-SM1-R Datasheet PDF - Unisonic Technologies

Part # M4034-SM1-R
Download  M4034-SM1-R Click to download

File Size   246.93 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3-INPUT VIDEO SWITCH

M4034-SM1-R Datasheet (HTML) - Unisonic Technologies


M4034-SM1-R Product details

DESCRIPTION
The UTC M4034 is 3-input video switch selecting one of three input video or audio signals. Its operating supply voltage range is 5 ~ 12V and bandwidth is 10MHz. Crosstalk is 70dB (at 4.43MHz).

FEATURES
* Operating Voltage: +4.75V ~ +13V
* 3 Input-1 Output
* Muting Function available
* Wide Operating Supply voltage Range: 4.75V ~ 13V
* Cross-talk 70dB (at 4.43MHz)
* Muting Function available
* Bipolar Technology




Similar Part No. - M4034-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
M4034G-D08-T UTC-M4034G-D08-T Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
M4034G-D08-T UTC-M4034G-D08-T Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
M4034G-G08-T UTC-M4034G-G08-T Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
M4034G-G08-T UTC-M4034G-G08-T Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
More results


Similar Description - M4034-SM1-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
3-INPUT VIDEO SWITCH
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
3-INPUT VIDEO SWITCH
NJM2503 NJRC-NJM2503 Datasheet
164Kb / 4P
3-INPUT/2-INPUT VIDEO SWITCH
NJM2506 NJRC-NJM2506 Datasheet
342Kb / 10P
3-INPUT/2-INPUT VIDEO SWITCH?
NJM2508 NJRC-NJM2508 Datasheet
338Kb / 10P
3-INPUT/2-INPUT VIDEO SWITCH?
NJM2513 NJRC-NJM2513 Datasheet
191Kb / 4P
3-INPUT/2-INPUT VIDEO SWITCH?
logo
Unisonic Technologies
M4034 UTC-M4034_11 Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
M4034 UTC-M4034_15 Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
logo
SG Micro Corp
SGM9141 SGMICRO-SGM9141 Datasheet
303Kb / 10P
3-Input Video Switch
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com