Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7784P Datasheet (PDF) - Unisonic Technologies

TA7784P Datasheet PDF - Unisonic Technologies
Part # TA7784P
Download  TA7784P Download
File Size   206.22 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL PRE-AMPLIFIER FOR AUTO-REVERSE

TA7784P Datasheet (PDF)

Go To PDF Page Download Datasheet
TA7784P Datasheet PDF - Unisonic Technologies

Part # TA7784P
Download  TA7784P Click to download

File Size   206.22 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL PRE-AMPLIFIER FOR AUTO-REVERSE

TA7784P Datasheet (HTML) - Unisonic Technologies


TA7784P Product details

DESCRIPTION
The UTC TA7784P is a dual pre-amplifier for auto-reverse type and W-cassette type tape player. This IC contains dual pre-amplifier, forward/ reverse control switches and metal/normal tape equalizer control switches.

FEATURES
* High voltage gain: GVO=95dB(typ) at Vcc=6V, f=1kHz
* Wide operating supply voltage(VCC= 3.5V~15V)
* No input coupling capacitor
* Low noise( VNI=1µVrms(typ) at Rg=600Ω,BW=20Hz~20kHz, NAB EQ)




Similar Part No. - TA7784P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7784P TOSHIBA-TA7784P Datasheet
435Kb / 12P
DUAL PREAMPLIFIER FOR AUTOREVERSE
More results


Similar Description - TA7784P

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2067 NJRC-NJM2067 Datasheet
156Kb / 4P
3V AUTO-REVERSE DUAL PRE-AMPLIFIER
logo
NXP Semiconductors
TEA0676T PHILIPS-TEA0676T Datasheet
163Kb / 20P
Dual pre-amplifier and equalizer for reverse tape decks
1997 Oct 07
TEA0677T PHILIPS-TEA0677T Datasheet
147Kb / 13P
Dual pre-amplifier and equalizer for reverse tape decks
August 1993
logo
Toshiba Semiconductor
TA2042F TOSHIBA-TA2042F Datasheet
527Kb / 15P
DUAL PRE AMPLIFIER WITH A MUSIC SEARCH FOR AUTO REVERSE CAR STEREO
logo
Unisonic Technologies
UTCTA7668BP UTC-UTCTA7668BP Datasheet
88Kb / 4P
DUAL PRE-AMPLIFIER FOR TAPE RECORDER
logo
List of Unclassifed Man...
DBL1045 ETC-DBL1045 Datasheet
312Kb / 5P
DUAL PREAMPLIFIER FOR AUTO REVERSE
logo
Panasonic Semiconductor
AN7310N PANASONIC-AN7310N Datasheet
348Kb / 4P
Dual Pre-Amplifier for Car Radio
AN7311 PANASONIC-AN7311 Datasheet
105Kb / 3P
Dual Pre-Amplifier for Car Stereo
logo
Unisonic Technologies
A6225 UTC-A6225 Datasheet
116Kb / 5P
DUAL PRE-AMPLIFIER
logo
Toshiba Semiconductor
TA7136AP TOSHIBA-TA7136AP Datasheet
339Kb / 5P
PRE-AMPLIFIER FOR DUAL POWER SUPPLY VARIOUS HIGH QUALITY PRE-AMPLIFIER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com