Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2009 Datasheet (PDF) - Unisonic Technologies

TDA2009 Datasheet PDF - Unisonic Technologies
Part # TDA2009
Download  TDA2009 Download
File Size   123.32 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 10 10W STEREO AMPLIFIER

TDA2009 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA2009 Datasheet PDF - Unisonic Technologies

Part # TDA2009
Download  TDA2009 Click to download

File Size   123.32 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 10 10W STEREO AMPLIFIER

TDA2009 Datasheet (HTML) - Unisonic Technologies


TDA2009 Product details

■ DESCRIPTION
The UTC TDA2009 is a class AB stereo audio power amplifier that contains two identical amplifiers capable of delivering 10W per channel. It is designed for quality Hi-Fi stereo application which is easy to construct and has a minimum need of external components.

■ FEATURES
* Supply range 8V ~ 28V
* High power outputs (10W/Channel)
* High output current up to 3.5A
* Short circuit protection
* Thermal protection




Similar Part No. - TDA2009

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2009 STMICROELECTRONICS-TDA2009 Datasheet
191Kb / 12P
10 10W STEREO AMPLIFIER
May-1995
TDA2009A STMICROELECTRONICS-TDA2009A Datasheet
191Kb / 12P
10 10W STEREO AMPLIFIER
May-1995
TDA2009A STMICROELECTRONICS-TDA2009A Datasheet
583Kb / 12P
10 10W STEREO AMPLIFIER
Sep-2003
TDA2009A STMICROELECTRONICS-TDA2009A_V01 Datasheet
583Kb / 12P
10 10W STEREO AMPLIFIER
Sep-2003
More results


Similar Description - TDA2009

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
10 10W STEREO AMPLIFIER FOR CAR RADIO
Mar-1995
TDA2009A STMICROELECTRONICS-TDA2009A Datasheet
191Kb / 12P
10 10W STEREO AMPLIFIER
May-1995
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
10W 10W Stereo Class-D Amplifier
24-Nov-2005
logo
Unisonic Technologies
TDA22003 UTC-TDA22003 Datasheet
215Kb / 7P
10 10W STEREO AMPLIFIER
PA2009 UTC-PA2009 Datasheet
167Kb / 5P
10 10W STEREO AMPLIFIER
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA-2009A STMICROELECTRONICS-TDA-2009A Datasheet
575Kb / 12P
10 10W STEREO AMPLIFIER
Sep-2003
logo
Unisonic Technologies
PA2009 UTC-PA2009_15 Datasheet
201Kb / 4P
10W STEREO AMPLIFIER
TDA2004 UTC-TDA2004_15 Datasheet
316Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
TDA22003 UTC-TDA22003_15 Datasheet
239Kb / 6P
10W STEREO AMPLIFIER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com