Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH276 Datasheet (PDF) - Unisonic Technologies

UH276 Datasheet PDF - Unisonic Technologies
Part # UH276
Download  UH276 Download
File Size   104.19 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC

UH276 Datasheet (PDF)

Go To PDF Page Download Datasheet
UH276 Datasheet PDF - Unisonic Technologies

Part # UH276
Download  UH276 Click to download

File Size   104.19 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC

UH276 Datasheet (HTML) - Unisonic Technologies


UH276 Product details

■ DESCRIPTION

The UTC UH276 is a Latch-Type Hall Effect sensor with built-in complementary output drivers. It’s designed with internal temperature compensation circuit and built-in protection diode prevent reverse power fault. The application is aimed for brush-less DC Fan.

The UH276 Outputs operate as the Hysteresis Characteristics. The Outputs alternately ON and OFF when either the magnetic flux density larger than threshold BOP or the magnetic flux density lower than BRP.



■ FEATURES

* Widen Power Supply range from 3V ~ 20V.

* On-chip Hall sensor with excellent hysteresis.

* Open Collector outputs had the sinking capability up to 400mA.

* Output Clamping Diodes reduce the peak output voltages during switching.

* Build-in reverse protection diode.



 




Similar Part No. - UH276

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH276 UTC-UH276 Datasheet
211Kb / 5P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH276G-G04-K UTC-UH276G-G04-K Datasheet
211Kb / 5P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH276G-G04-K UTC-UH276G-G04-K Datasheet
208Kb / 5P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH276L-G04-K UTC-UH276L-G04-K Datasheet
211Kb / 5P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH276 UTC-UH276_12 Datasheet
211Kb / 5P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
More results


Similar Description - UH276

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH277 UTC-UH277 Datasheet
107Kb / 6P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
logo
Winson Semiconductor Co...
WSH415 WINSON-WSH415 Datasheet
107Kb / 4P
Hall Effect IC with Two complementary Outputs
logo
Diodes Incorporated
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev erse
logo
Unisonic Technologies
UH276 UTC-UH276_12 Datasheet
211Kb / 5P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH277 UTC-UH277_12 Datasheet
229Kb / 5P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH378 UTC-UH378 Datasheet
214Kb / 6P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
logo
Winson Semiconductor Co...
WSH415 WINSON-WSH415_15 Datasheet
276Kb / 4P
Hall Effect IC with Two complementary Outputs
logo
Unisonic Technologies
UH276 UTC-UH276_15 Datasheet
208Kb / 5P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH277 UTC-UH277_15 Datasheet
234Kb / 5P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH378 UTC-UH378_15 Datasheet
220Kb / 6P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com