Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF10200 Datasheet (PDF) - SMC Diode Solutions Co. LTD

MBRF10200 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # MBRF10200
Download  MBRF10200 Download
File Size   440.87 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description MBRF10200 SCHOTTKY RECTIFIER

MBRF10200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF10200 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # MBRF10200
Download  MBRF10200 Click to download

File Size   440.87 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description MBRF10200 SCHOTTKY RECTIFIER

MBRF10200 Datasheet (HTML) - SMC Diode Solutions Co. LTD


MBRF10200 Product details

Features
150C TJ operation
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Terminals finish: 100% Pure Tin
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - MBRF10200

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF10200 TSC-MBRF10200 Datasheet
150Kb / 2P
10.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
MBRF10200 DACHANG-MBRF10200 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
logo
Taiwan Semiconductor Co...
MBRF10200 TSC-MBRF10200 Datasheet
255Kb / 3P
10.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
MBRF10200 SMC-MBRF10200 Datasheet
156Kb / 5P
SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF10200 TSC-MBRF10200 Datasheet
226Kb / 4P
Isolated Schottky Barrier Rectifiers
More results


Similar Description - MBRF10200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com