Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4069 Datasheet (PDF) - Unisonic Technologies

CD4069 Datasheet PDF - Unisonic Technologies
Part # CD4069
Download  CD4069 Download
File Size   106.75 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description INVERTER CIRCUIT CMOS IC

CD4069 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4069 Datasheet PDF - Unisonic Technologies

Part # CD4069
Download  CD4069 Click to download

File Size   106.75 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description INVERTER CIRCUIT CMOS IC

CD4069 Datasheet (HTML) - Unisonic Technologies


CD4069 Product details

■ DESCRIPTION
The UTC CD4069 is a CMOS IC with six inverter circuits and designed for using of wide power supply operating range, low power consumption, high noise immunity, and symmetric controlled rise and fall times. The IC is capable of ESD protection by diode clamps to VDD and VSS.

■ FEATURES
* Wide supply voltage range: 3.0V ~ 15V.
* High noise immunity: 0.45 VDD typ.
* Low Power TTL compatibility: Fan out of 2 driving 74L
   or 1 driving 74LS.




Similar Part No. - CD4069

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4069 FAIRCHILD-CD4069 Datasheet
78Kb / 6P
Inverter Circuits
logo
National Semiconductor ...
CD4069 NSC-CD4069 Datasheet
137Kb / 6P
Inverter Circuits
logo
Unisonic Technologies
CD4069 UTC-CD4069 Datasheet
237Kb / 7P
INVERTER CIRCUITS
CD4069 UTC-CD4069 Datasheet
203Kb / 7P
INVERTER CIRCUITS
logo
List of Unclassifed Man...
CD4069 ETC2-CD4069 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - CD4069

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
CMOS LOGIC IC Inverter
ELM7S14B ELM-TECH-ELM7S14B Datasheet
277Kb / 3P
CMOS LOGIC IC Schmitt Inverter
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
HIGH SPEED CMOS LOGIC IC Inverter
ELM7SHU04XB ELM-TECH-ELM7SHU04XB Datasheet
278Kb / 3P
HIGH SPEED CMOS LOGIC IC Unbuffer Inverter
ELM7SU04B ELM-TECH-ELM7SU04B Datasheet
276Kb / 3P
CMOS LOGIC IC Unbuffer Inverter
ELM7SH04MB-EL ELM-TECH-ELM7SH04MB-EL Datasheet
311Kb / 3P
HIGH SPEED CMOS LOGIC IC ELM7SH04xB Inverter
ELM7S04B ELM-TECH-ELM7S04B_17 Datasheet
602Kb / 3P
CMOS LOGIC IC ELM7S04B Inverter
ELM7S14B ELM-TECH-ELM7S14B_17 Datasheet
602Kb / 3P
CMOS LOGIC IC ELM7S14B Schmitt Inverter
ELM7SU04B ELM-TECH-ELM7SU04B_17 Datasheet
602Kb / 3P
CMOS LOGIC IC ELM7SU04B Unbuffer Inverter
ELM7SH04XB ELM-TECH-ELM7SH04XB_17 Datasheet
604Kb / 3P
HIGH SPEED CMOS LOGIC IC ELM7SH04xB Inverter
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com