Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHL080N120SC1 Datasheet (PDF) - ON Semiconductor

NTHL080N120SC1 Datasheet PDF - ON Semiconductor
Part # NTHL080N120SC1
Download  NTHL080N120SC1 Download
File Size   365.42 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide (SiC) MOSFET – EliteSiC, 80 mohm, 1200V, M1, TO-247-3L

NTHL080N120SC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTHL080N120SC1 Datasheet PDF - ON Semiconductor

Part # NTHL080N120SC1
Download  NTHL080N120SC1 Click to download

File Size   365.42 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide (SiC) MOSFET – EliteSiC, 80 mohm, 1200V, M1, TO-247-3L

NTHL080N120SC1 Datasheet (HTML) - ON Semiconductor


NTHL080N120SC1 Product details

Features
• Typ. RDS(on) = 80 m
• Ultra Low Gate Charge (typ. QG(tot) = 56 nC)
• Low Effective Output Capacitance (typ. Coss = 80 pF)
• 100% UIL Tested
• This Device is Halide Free and RoHS Compliant with exemption 7a,
Pb−Free 2LI (on second level interconnection)

Typical Applications
• UPS
• DC−DC Converter
• Boost Inverter




Similar Part No. - NTHL080N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHL080N120SC1 ONSEMI-NTHL080N120SC1 Datasheet
374Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 4
NTHL080N120SC1A ONSEMI-NTHL080N120SC1A Datasheet
288Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 1
NTHL080N120SC1A ONSEMI-NTHL080N120SC1A Datasheet
363Kb / 7P
Silicon Carbide (SiC) MOSFET – 80 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 3
NTHL080N120SC1A ONSEMI-NTHL080N120SC1A_V01 Datasheet
363Kb / 7P
Silicon Carbide (SiC) MOSFET – 80 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 3
NTHL080N120SC1D ONSEMI-NTHL080N120SC1D Datasheet
374Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 4
More results


Similar Description - NTHL080N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHL020N120SC1 ONSEMI-NTHL020N120SC1_V01 Datasheet
303Kb / 7P
Silicon Carbide (SiC) MOSFET – 20 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 2
NVHL020N120SC1 ONSEMI-NVHL020N120SC1_V01 Datasheet
304Kb / 7P
Silicon Carbide (SiC) MOSFET – 20 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 1
NVHL080N120SC1 ONSEMI-NVHL080N120SC1_V01 Datasheet
363Kb / 7P
Silicon Carbide (SiC) MOSFET – 80 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 4
NTHL040N120SC1 ONSEMI-NTHL040N120SC1_V01 Datasheet
312Kb / 7P
Silicon Carbide (SiC) MOSFET – 40 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 3
NTHL080N120SC1A ONSEMI-NTHL080N120SC1A_V01 Datasheet
363Kb / 7P
Silicon Carbide (SiC) MOSFET – 80 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 3
NTHL160N120SC1 ONSEMI-NTHL160N120SC1_V01 Datasheet
306Kb / 7P
Silicon Carbide (SiC) MOSFET – 160 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 3
NTHL040N120SC1 ONSEMI-NTHL040N120SC1_V02 Datasheet
313Kb / 7P
Silicon Carbide (SiC) MOSFET – EliteSiC, 40mohm, 1200V, M1, TO-247-3L
January, 2023 - Rev. 4
NTHL160N120SC1 ONSEMI-NTHL160N120SC1_V02 Datasheet
308Kb / 7P
Silicon Carbide (SiC) MOSFET – EliteSiC, 160 mohm, 1200V, M1, TO-247-3L
January, 2023 - Rev. 4
NVHL040N120SC1 ONSEMI-NVHL040N120SC1_V01 Datasheet
314Kb / 7P
Silicon Carbide (SiC) MOSFET – 40 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 2
NTHL020N120SC1 ONSEMI-NTHL020N120SC1_V02 Datasheet
304Kb / 7P
Silicon Carbide (SiC) MOSFET – EliteSiC, 20mohm, 1200V, M1, TO-247-3L
January, 2023 - Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com