Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1703519 Datasheet (PDF) - PHOENIX CONTACT

1703519 Datasheet PDF - PHOENIX CONTACT
Part # 1703519
Download  1703519 Download
File Size   579.71 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-PC 16/ 8-STF-10,16 - Feed-through plug

1703519 Datasheet (PDF)

Go To PDF Page Download Datasheet
1703519 Datasheet PDF - PHOENIX CONTACT

Part # 1703519
Download  1703519 Click to download

File Size   579.71 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-PC 16/ 8-STF-10,16 - Feed-through plug

1703519 Datasheet (HTML) - PHOENIX CONTACT


1703519 Product details

Feed-through connector, nominal cross section: 16 mm2, color: green, nominal current: 76 A,
rated voltage (III/2): 1000 V, contact surface: Silver, type of contact: Pin, number of potentials: 8,
number of rows: 1, number of positions: 8, number of connections: 8, product range: DFK-PC
16/..-STF, pitch: 10.16 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON PC
16, Pin connector pattern alignment: Standard, locking: without, mounting: without, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Flange system enables secure fixing to the housing panel by means of tool-free snap-in locking or screws




Similar Part No. - 1703519

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
170351-0002 MOLEX11-170351-0002 Datasheet
41Kb / 1P
EXTreme Guardian??Crimp Receptacle Housing, 2 Circuit, 11.00mm Pitch, 8-10 AWG
170351-0003 MOLEX11-170351-0003 Datasheet
41Kb / 1P
EXTreme Guardian??Crimp Receptacle Housing, 2 Circuit, 11.00mm Pitch, 6 AWG
logo
PHOENIX CONTACT
1703514 PHOENIX-1703514 Datasheet
84Kb / 3P
Printed-circuit board connector - MC 1,5/ 5-STF-3,5 MURRBD1-ERDE
12/07/2018
More results


Similar Description - 1703519

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1703506 PHOENIX-1703506 Datasheet
180Kb / 10P
Feed-through plug - DFK-PC 16/ 7-STF-10,16
1703784 PHOENIX-1703784 Datasheet
160Kb / 9P
Feed-through plug - DFK-IPC 16/ 3-STF-10,16
1703616 PHOENIX-1703616 Datasheet
282Kb / 9P
Feed-through plug - DFK-PC 16/ 2-STF-SH-10,16
1703629 PHOENIX-1703629 Datasheet
176Kb / 11P
Feed-through plug - DFK-PC 16/ 3-STF-SH-10,16
09/11/2020
1703467 PHOENIX-1703467 Datasheet
596Kb / 14P
Feed-through plug - DFK-PC 16/ 3-STF-10,16
Jan 3, 2023
1703483 PHOENIX-1703483 Datasheet
577Kb / 14P
Feed-through plug - DFK-PC 16/ 5-STF-10,16
Jan 3, 2023
1703454 PHOENIX-1703454 Datasheet
577Kb / 14P
Feed-through plug - DFK-PC 16/ 2-STF-10,16
Jan 4, 2023
1703470 PHOENIX-1703470 Datasheet
616Kb / 15P
Feed-through plug - DFK-PC 16/ 4-STF-10,16
Jan 5, 2023
1703438 PHOENIX-1703438 Datasheet
476Kb / 13P
DFK-PC 16/ 8-ST-10,16 - Feed-through plug
1703661 PHOENIX-1703661 Datasheet
626Kb / 16P
DFK-PC 16/ 7-STF-SH-10,16 - Feed-through plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com