Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1737022 Datasheet (PDF) - PHOENIX CONTACT

1737022 Datasheet PDF - PHOENIX CONTACT
Part # 1737022
Download  1737022 Download
File Size   383.41 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PST 1,0/ 3-H-3,5 - Pin strip

1737022 Datasheet (PDF)

Go To PDF Page Download Datasheet
1737022 Datasheet PDF - PHOENIX CONTACT

Part # 1737022
Download  1737022 Click to download

File Size   383.41 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PST 1,0/ 3-H-3,5 - Pin strip

1737022 Datasheet (HTML) - PHOENIX CONTACT


1737022 Product details

Pin strip, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A (depends on the plug
used), rated voltage (III/2): 250 V, contact surface: Tin, contact connection type: Pin, number of
potentials: 3, number of rows: 1, number of positions: 3, number of connections: 3, product
range: PST 1,0/..-H, pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder
pin [P]: 6.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON PST 1,0,
locking: without, mounting: without, type of packaging: packed in cardboard, The maximum
current depends on the plug used. The lower of the two current values apply for plug and pin
strip. The pin strip is made of highly temperature resistant plastic and is thus suitable for the
reflow process.

Your advantages
• Suitable for wave and reflow soldering processes
• Optimum pin geometry for all COMBICON pin strip connectors




Similar Part No. - 1737022

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173702 FESTO-173702 Datasheet
85Kb / 1P
Compressed air filter
logo
Weidmuller
1737020000 WEIDMULLER-1737020000 Datasheet
742Kb / 22P
Cable glands
More results


Similar Description - 1737022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1720246 PHOENIX-1720246 Datasheet
81Kb / 4P
Pin strip - PST 1,0/ 3-3,5 R24
1737019 PHOENIX-1737019 Datasheet
107Kb / 5P
Pin strip - PST 1,0/ 2-H-3,5
1945245 PHOENIX-1945245 Datasheet
63Kb / 4P
Pin strip - PST 1,0/17-3,5
1945258 PHOENIX-1945258 Datasheet
63Kb / 4P
Pin strip - PST 1,0/18-3,5
1945287 PHOENIX-1945287 Datasheet
63Kb / 4P
Pin strip - PST 1,0/21-3,5
1945290 PHOENIX-1945290 Datasheet
63Kb / 4P
Pin strip - PST 1,0/22-3,5
1737035 PHOENIX-1737035 Datasheet
95Kb / 5P
Pin strip - PST 1,0/ 4-H-3,5
09/11/2020
1737093 PHOENIX-1737093 Datasheet
95Kb / 5P
Pin strip - PST 1,0/10-H-3,5
09/11/2020
1945119 PHOENIX-1945119 Datasheet
104Kb / 6P
Pin strip - PST 1,0/ 4-3,5
09/12/2020
1945203 PHOENIX-1945203 Datasheet
455Kb / 12P
Pin strip - PST 1,0/13-3,5
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com