Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1751332 Datasheet (PDF) - PHOENIX CONTACT

1751332 Datasheet PDF - PHOENIX CONTACT
Part # 1751332
Download  1751332 Download
File Size   469.05 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 1/11-3,5 - PCB terminal block

1751332 Datasheet (PDF)

Go To PDF Page Download Datasheet
1751332 Datasheet PDF - PHOENIX CONTACT

Part # 1751332
Download  1751332 Click to download

File Size   469.05 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 1/11-3,5 - PCB terminal block

1751332 Datasheet (HTML) - PHOENIX CONTACT


1751332 Product details

PCB terminal block, nominal current: 13.5 A, rated voltage (III/2): 200 V, nominal cross section:
1.5 mm2, number of potentials: 11, number of rows: 1, number of positions per row: 11, product
range: MKDS 1, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Extremely small design for the respective conductor cross section




Similar Part No. - 1751332

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
175133 MACOM-175133 Datasheet
662Kb / 6P
AMP CT Connector Series
logo
TE Connectivity Ltd
175133 TEC-175133 Datasheet
656Kb / 6P
AMP CT Connector Series
More results


Similar Description - 1751332

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1727104 PHOENIX-1727104 Datasheet
151Kb / 8P
PCB terminal block - MKDS 1/11-3,81
1751183 PHOENIX-1751183 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/11-3,5
1751293 PHOENIX-1751293 Datasheet
85Kb / 6P
PCB terminal block - MKDS 1/ 7-3,5
1751316 PHOENIX-1751316 Datasheet
85Kb / 6P
PCB terminal block - MKDS 1/ 9-3,5
1751345 PHOENIX-1751345 Datasheet
94Kb / 6P
PCB terminal block - MKDS 1/12-3,5
1751361 PHOENIX-1751361 Datasheet
130Kb / 6P
PCB terminal block - MKDS 1/14-3,5
1751387 PHOENIX-1751387 Datasheet
90Kb / 6P
PCB terminal block - MKDS 1/16-3,5
1751484 PHOENIX-1751484 Datasheet
79Kb / 5P
PCB terminal block - MKKDS 1/11-3,5
1800035 PHOENIX-1800035 Datasheet
57Kb / 4P
PCB terminal block - MKDS 1/16-3,5 BK
1751374 PHOENIX-1751374 Datasheet
468Kb / 12P
MKDS 1/15-3,5 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com