Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1782381 Datasheet (PDF) - PHOENIX CONTACT

1782381 Datasheet PDF - PHOENIX CONTACT
Part # 1782381
Download  1782381 Download
File Size   630.97 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 5-G-3,81 P14 THR - PCB header

1782381 Datasheet (PDF)

Go To PDF Page Download Datasheet
1782381 Datasheet PDF - PHOENIX CONTACT

Part # 1782381
Download  1782381 Click to download

File Size   630.97 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 5-G-3,81 P14 THR - PCB header

1782381 Datasheet (HTML) - PHOENIX CONTACT


1782381 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 5, number
of rows: 1, number of positions: 5, number of connections: 5, product range: MC 1,5/..-G-THR,
pitch: 3.81 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 1.4 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1782381

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
17823 CANDD-17823 Datasheet
83Kb / 2P
Radial Lead Inductors
logo
Weidmuller
1782300000 WEIDMULLER-1782300000 Datasheet
629Kb / 8P
Z-series ZDLD 2.5-2N
November 21, 2016
logo
Festo Corporation.
178233 FESTO-178233 Datasheet
72Kb / 1P
Distributor block
178234 FESTO-178234 Datasheet
72Kb / 1P
Distributor block
178235 FESTO-178235 Datasheet
70Kb / 1P
Distributor block
More results


Similar Description - 1782381

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1707036 PHOENIX-1707036 Datasheet
82Kb / 4P
Base strip - MCV 1,5/ 5-G-3,81 P14 THR
1782394 PHOENIX-1782394 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/ 6-G-3,81 P14 THR
1782404 PHOENIX-1782404 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-G-3,81 P14 THR
1782417 PHOENIX-1782417 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-G-3,81 P14 THR
1782420 PHOENIX-1782420 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/ 9-G-3,81 P14 THR
1782446 PHOENIX-1782446 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/11-G-3,81 P14 THR
1782459 PHOENIX-1782459 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/12-G-3,81 P14 THR
1782352 PHOENIX-1782352 Datasheet
126Kb / 8P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 P14 THR
09/12/2020
1829124 PHOENIX-1829124 Datasheet
624Kb / 11P
PCB header - MC 1,5/20-G-3,81 P20 THR
Jan 3, 2023
1782433 PHOENIX-1782433 Datasheet
625Kb / 11P
MC 1,5/10-G-3,81 P14 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com