Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL201G Datasheet (PDF) - SMC Diode Solutions Co. LTD

RL201G Datasheet PDF - SMC Diode Solutions Co. LTD
Part # RL201G
Download  RL201G Download
File Size   348.24 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description RL201G THRU RL207G GLASS PASSIVATED SILICON RECTIFIER

RL201G Datasheet (PDF)

Go To PDF Page Download Datasheet
RL201G Datasheet PDF - SMC Diode Solutions Co. LTD

Part # RL201G
Download  RL201G Click to download

File Size   348.24 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description RL201G THRU RL207G GLASS PASSIVATED SILICON RECTIFIER

RL201G Datasheet (HTML) - SMC Diode Solutions Co. LTD


RL201G Product details

Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free molded plastic technique
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed: 260°C/10 seconds,
0.375”(9.5mm) lead length, 5 lbs. (2.3kg) tension
This is a Pb − Free Device
“-HF” suffix is for Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - RL201G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL201G RECTRON-RL201G Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201G JGD-RL201G Datasheet
128Kb / 2P
2.0 AMPS. GLASS PASSIVATED RECTIFIERS
logo
Bytes
RL201G BYTES-RL201G Datasheet
151Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Shanghai Lunsure Electr...
RL201G CHENYI-RL201G Datasheet
141Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Dc Components
RL201G DCCOM-RL201G Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
More results


Similar Description - RL201G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Semiconducto...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
MUR1060 RECTRON-MUR1060 Datasheet
391Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
MUR1060P RECTRON-MUR1060P Datasheet
604Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
MUR1560 RECTRON-MUR1560 Datasheet
300Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
FM807C RECTRON-FM807C Datasheet
334Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
logo
SMC Diode Solutions Co....
DF151 SMCDIODE-DF151 Datasheet
303Kb / 5P
DF151 THRU DF157 SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Rev. A
logo
RFE international
RL201G RFE-RL201G Datasheet
2Mb / 3P
General Purpose Rectifier RL201G Through RL207G
13-06-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com