Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1AL Datasheet (PDF) - SMC Diode Solutions Co. LTD

RS1AL Datasheet PDF - SMC Diode Solutions Co. LTD
Part # RS1AL
Download  RS1AL Download
File Size   343.9 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description RS1AL THRU RS1ML SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER

RS1AL Datasheet (PDF)

Go To PDF Page Download Datasheet
RS1AL Datasheet PDF - SMC Diode Solutions Co. LTD

Part # RS1AL
Download  RS1AL Click to download

File Size   343.9 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description RS1AL THRU RS1ML SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER

RS1AL Datasheet (HTML) - SMC Diode Solutions Co. LTD


RS1AL Product details

Features
Glass passivated device
Ideal for surface mouted applications
Low reverse leakage
Metallurgically bonded construction
High temperature soldering guaranteed: 260 C/10
seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg)
tension
Plastic material-UL flammability 94V-0
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - RS1AL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL Datasheet
208Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
RS1AL TSC-RS1AL Datasheet
442Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
RS1AL TSC-RS1AL Datasheet
198Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
logo
Rugao Dachang Electroni...
RS1AL DACHANG-RS1AL Datasheet
129Kb / 2P
Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
Guangdong Kexin Industr...
RS1AL KEXIN-RS1AL Datasheet
864Kb / 2P
Fast Recovery Diodes
More results


Similar Description - RS1AL

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
ES1AL DYELEC-ES1AL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1ANL DYELEC-ES1ANL Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1AUL DYELEC-ES1AUL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
F1A DYELEC-F1A Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1N DYELEC-F1N Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1U DYELEC-F1U Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101-M DYELEC-FFM101-M Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101N-M DYELEC-FFM101N-M Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101U-M DYELEC-FFM101U-M Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com