Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A Datasheet (PDF) - SMC Diode Solutions Co. LTD

S3A Datasheet PDF - SMC Diode Solutions Co. LTD
Part # S3A
Download  S3A Download
File Size   373.08 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description S3A THRU S3M SURFACE MOUNT GENERAL RECTIFIER

S3A Datasheet (PDF)

Go To PDF Page Download Datasheet
S3A Datasheet PDF - SMC Diode Solutions Co. LTD

Part # S3A
Download  S3A Click to download

File Size   373.08 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description S3A THRU S3M SURFACE MOUNT GENERAL RECTIFIER

S3A Datasheet (HTML) - SMC Diode Solutions Co. LTD


S3A Product details

Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief, ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed: 260°C/10
seconds at terminals
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - S3A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Surge Components
S3A SURGE-S3A Datasheet
78Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 3.0 Ampere????
logo
Transys Electronics
S3A TRSYS-S3A Datasheet
158Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
S3A WTE-S3A Datasheet
38Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Jinan Gude Electronic D...
S3A JGD-S3A Datasheet
169Kb / 2P
1.0 AMPS SURFACE MOUNT RECTIFIERS
More results


Similar Description - S3A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
Surface Mount General Rectifier
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
S3A CHENDA-S3A Datasheet
551Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
GS1A CHENDA-GS1A_V01 Datasheet
752Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
S1A CHENDA-S1A_V01 Datasheet
599Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
SHIKUES Electronics
GS1AG SKTECHNOLGY-GS1AG Datasheet
603Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
RFE international
S3A RFE-S3A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier S3A Through S3M
09-JUN-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com