Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5AC Datasheet (PDF) - SMC Diode Solutions Co. LTD

S5AC Datasheet PDF - SMC Diode Solutions Co. LTD
Part # S5AC
Download  S5AC Download
File Size   295.0 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description S5AC THRU S5MC SURFACE MOUNT GLASS PASSIVATED RECTIFIER

S5AC Datasheet (PDF)

Go To PDF Page Download Datasheet
S5AC Datasheet PDF - SMC Diode Solutions Co. LTD

Part # S5AC
Download  S5AC Click to download

File Size   295.0 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description S5AC THRU S5MC SURFACE MOUNT GLASS PASSIVATED RECTIFIER

S5AC Datasheet (HTML) - SMC Diode Solutions Co. LTD


S5AC Product details

Features
Glass Passivated Die Construction
Ideally Suited for Automatic Assembly
Low Forward Voltage Drop
Low Power Loss
Built-in Strain Relief
Plastic Case Material has UL Flammability
Classification Rating 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - S5AC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S5AC DIODES-S5AC Datasheet
47Kb / 2P
5.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16007 Rev. 4 - 2
S5AC DIODES-S5AC Datasheet
82Kb / 3P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
S5AC BILIN-S5AC Datasheet
89Kb / 2P
SURFACE MOUNT RECTIFIER
logo
PACELEADER INDUSTRIAL
S5AC PACELEADER-S5AC Datasheet
145Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S5AC DIODES-S5AC Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 9 - 2
More results


Similar Description - S5AC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GF1A VISHAY-GF1A_11 Datasheet
81Kb / 4P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Tiger Electronic Co.,Lt...
S1A TGS-S1A Datasheet
51Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
Surface Mount Glass Passivated Rectifier
11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
logo
SMC Diode Solutions Co....
S1A SMCDIODE-S1A Datasheet
303Kb / 4P
S1A THRU S1M 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. B
S1AB SMCDIODE-S1AB Datasheet
337Kb / 4P
S1AB THRU S1MB 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. B
S2A SMCDIODE-S2A Datasheet
354Kb / 4P
S2A THRU S2M 2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. A
S3AB SMCDIODE-S3AB Datasheet
354Kb / 4P
S3AB THRU S3MB 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com