Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3308 Datasheet (PDF) - Unisonic Technologies

BA3308 Datasheet PDF - Unisonic Technologies
Part # BA3308
Download  BA3308 Download
File Size   127.34 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL PREAMPLIFIER WITH ALC

BA3308 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA3308 Datasheet PDF - Unisonic Technologies

Part # BA3308
Download  BA3308 Click to download

File Size   127.34 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL PREAMPLIFIER WITH ALC

BA3308 Datasheet (HTML) - Unisonic Technologies


BA3308 Product details

DESCRIPTION
The UTC BA3308 is designed to have dual preamplifier ICs with built – in ALC circuits for use in stereo amplification. The preamplifiers have high gain and low distortion. A built-in rectifier for ALC circuit implies good channel balance and large dynamic range can be constructed with addition of just an external time constant circuit.

FEATURES
* Wide operating power supply voltage range (VCC =4.5V ~ 14V)
* Power-on mute circuit to avoid “pop” noise generation.
* No input coupling capacitors are necessary
* High gain (GVO=80dB)and low noise (VNIN=1µVrms)
* Low distortion (THD=0.1%)
* Good ALC channel balance with built-in ALC rectifier diode
* Adjustable ALC dynamic range by external input resistor.




Similar Part No. - BA3308

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308 ROHM-BA3308 Datasheet
172Kb / 8P
Dual preamplifier with ALC
BA3308 ROHM-BA3308 Datasheet
121Kb / 3P
Monolithic IGs
BA3308 ROHM-BA3308 Datasheet
262Kb / 6P
Pre-amplifier bulit-in ALC
logo
Unisonic Technologies
BA3308 UTC-BA3308 Datasheet
179Kb / 4P
DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3308F ROHM-BA3308F Datasheet
172Kb / 8P
Dual preamplifier with ALC
More results


Similar Description - BA3308

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3306 ROHM-BA3306 Datasheet
95Kb / 5P
Dual preamplifier with ALC
BA3308 ROHM-BA3308 Datasheet
172Kb / 8P
Dual preamplifier with ALC
BA3311L ROHM-BA3311L Datasheet
64Kb / 4P
Dual preamplifier with ALC
BA3313L ROHM-BA3313L Datasheet
66Kb / 5P
Dual preamplifier with ALC detector circuit
BA3314F ROHM-BA3314F Datasheet
66Kb / 4P
Dual preamplifier with ALC detector circuit
logo
Daewoo Semiconductor
DBL1027 DAEWOO-DBL1027 Datasheet
299Kb / 6P
DUAL PREAMPLIFIER WITH ALC
logo
AUK corp
SL1027P AUK-SL1027P Datasheet
250Kb / 7P
DUAL PREAMPLIFIER WITH ALC
logo
Mitsubishi Electric Sem...
M51545P MITSUBISHI-M51545P Datasheet
280Kb / 4P
3V DUAL PREAMPLIFIER WITH ALC
logo
AUK corp
SL1027P AUK-SL1027P_1 Datasheet
267Kb / 8P
DUAL PREAMPLIFIER WITH ALC
logo
Unisonic Technologies
BA3308 UTC-BA3308_11 Datasheet
179Kb / 4P
DUAL PREAMPLIFIER WITH ALC
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com