Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393 Datasheet (PDF) - Unisonic Technologies

LMV393 Datasheet PDF - Unisonic Technologies
Part # LMV393
Download  LMV393 Download
File Size   339.4 Kbytes
Page   11 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS

LMV393 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV393 Datasheet PDF - Unisonic Technologies

Part # LMV393
Download  LMV393 Click to download

File Size   339.4 Kbytes
Page   11 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS

LMV393 Datasheet (HTML) - Unisonic Technologies


LMV393 Product details

DESCRIPTION
The UTC LMV393 is a low voltage (2.7-5V) version of the dual comparators. Its noise performance has been improved by using bipolar differential input and output stages. These comparators also have a unique characteristic in that the input common-mode voltage range includes ground even though operated from a single power supply voltage.
The UTC LMV393 is designed for applications in consumer automotive, mobile communications, notebooks and PDA’s, battery powered electronics, General Purpose Portable Device, General Purpose Low Voltage Applications.

FEATURES
* High precision comparator.
* Low operating voltage 2.7-5V.
* Low Supply Current 100μA/Channel (Typical).
* Low Input Bias Current 100nA (Typical).
* Low Input Offset Current 2nA (Typical).
* Input Common Mode Voltage Range Includes Ground.
* Low Output Saturation Voltage 0.2V.




Similar Part No. - LMV393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV393 NSC-LMV393 Datasheet
480Kb / 21P
General Purpose, Low Voltage, TinyPack Comparators
logo
Texas Instruments
LMV393 TI-LMV393 Datasheet
534Kb / 17P
GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
National Semiconductor ...
LMV393 NSC-LMV393 Datasheet
504Kb / 20P
General Purpose, Low Voltage, Tiny Pack Comparators
logo
ON Semiconductor
LMV393 ONSEMI-LMV393 Datasheet
916Kb / 21P
Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Texas Instruments
LMV393 TI-LMV393 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
More results


Similar Description - LMV393

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Texas Instruments
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
General-purpose low voltage comparators
12-Dec-2011
logo
Texas Instruments
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
logo
Unisonic Technologies
LMV393 UTC-LMV393_14 Datasheet
257Kb / 11P
DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com