Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10PA Datasheet (PDF) - TOKO, Inc

10PA Datasheet PDF - TOKO, Inc
Part # 10PA
Download  10PA Download
File Size   26.65 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Variable Coils

10PA Datasheet (PDF)

Go To PDF Page Download Datasheet
10PA Datasheet PDF - TOKO, Inc

Part # 10PA
Download  10PA Click to download

File Size   26.65 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Variable Coils

10PA Datasheet (HTML) - TOKO, Inc


10PA Product details

10mm TYPE 10PA

Frequency Range: 10-200kHz

Inductance Range: 1-56mH

Temperature Coefficient: TC (L) 220±220ppm/°C max



Features

• The larger drum and cup core produces high inductance and

greatly improves saturation levels. This increased inductance

makes this coil ideal for oscillator and audio filter applications.




Similar Part No. - 10PA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10PA MSYSTEM-10PA Datasheet
92Kb / 3P
High-density Signal Conditioners 10-RACK
10PA-110-R MSYSTEM-10PA-110-R Datasheet
92Kb / 3P
High-density Signal Conditioners 10-RACK
10PA-116-R MSYSTEM-10PA-116-R Datasheet
92Kb / 3P
High-density Signal Conditioners 10-RACK
10PA-120-R MSYSTEM-10PA-120-R Datasheet
92Kb / 3P
High-density Signal Conditioners 10-RACK
10PA-126-R MSYSTEM-10PA-126-R Datasheet
92Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Similar Description - 10PA

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
294SN-T1008Z TOKO-294SN-T1008Z Datasheet
31Kb / 1P
Variable Coils
5KM TOKO-5KM Datasheet
38Kb / 1P
Variable Coils
451AN-0002Z TOKO-451AN-0002Z Datasheet
26Kb / 1P
Variable Coils
7KLL TOKO-7KLL Datasheet
41Kb / 3P
Variable Coils
7KMM TOKO-7KMM Datasheet
31Kb / 2P
Variable Coils
7BR-151208N2 TOKO-7BR-151208N2 Datasheet
27Kb / 1P
Variable Coils
7PA TOKO-7PA Datasheet
20Kb / 1P
Variable Coils
7PL TOKO-7PL Datasheet
29Kb / 1P
Variable Coils
7TS TOKO-7TS Datasheet
26Kb / 1P
Variable Coils
logo
XFMRS Inc.
XF757595-R47 XFMRS-XF757595-R47 Datasheet
34Kb / 1P
VARIABLE COILS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com