Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4DFA Datasheet (PDF) - TOKO, Inc

4DFA Datasheet PDF - TOKO, Inc
Part # 4DFA
Download  4DFA Download
File Size   165.89 Kbytes
Page   3 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Dielectric Filters for Surface Mounting

4DFA Datasheet (PDF)

Go To PDF Page Download Datasheet
4DFA Datasheet PDF - TOKO, Inc

Part # 4DFA
Download  4DFA Click to download

File Size   165.89 Kbytes
Page   3 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Dielectric Filters for Surface Mounting

4DFA Datasheet (HTML) - TOKO, Inc


4DFA Product details

TYPE #4DFA (2 Pole SMD Type) / #4DFB (3 Pole Type)

Frequency Range: 700~2500MHz
Temperature Range: − 40°C~+ 85°C

• The Part Number shown in the table below are standard devices, which are readily available. TOKO will design and manufacture modified and custom devices with specific characteristics to meet your requiements.
If you do not find the devices for your application in this catalog, please contact our sales or representative office.
• RoHS compliant




Similar Part No. - 4DFA

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
4DFS30L DOINGTER-4DFS30L Datasheet
1Mb / 5P
Dual P-Channel MOSFET uses advanced trench technology
More results


Similar Description - 4DFA

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
5CHLW TOKO-5CHLW Datasheet
117Kb / 2P
Helical Filters for Surface Mounting
6DFA TOKO-6DFA Datasheet
110Kb / 1P
Dielectric Filters
6DFC TOKO-6DFC Datasheet
102Kb / 1P
Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
Dielectric Filters
ELFC TOKO-ELFC Datasheet
114Kb / 1P
AM Ladder Filters for Surface Mounting
logo
Murata Manufacturing Co...
PTC-NTC MURATA-PTC-NTC Datasheet
265Kb / 10P
for Surface Mounting Application
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
Dielectric Devices Dielectric Filters (DF)
logo
TOKO, Inc
WDFM TOKO-WDFM Datasheet
152Kb / 1P
Dielectric Waveguide Filters
logo
Token Electronics Indus...
DF457S30A TOKEN-DF457S30A Datasheet
524Kb / 19P
DF-B Dielectric Filters
logo
Delta Electronics, Inc.
06ME3G DELTA-06ME3G Datasheet
785Kb / 3P
PC BOARD MOUNTING FILTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com