Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-5251-05 Datasheet (PDF) - Lite-On Technology Corporation

PS-5251-05 Datasheet PDF - Lite-On Technology Corporation
Part # PS-5251-05
Download  PS-5251-05 Download
File Size   333.37 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Industrial Computing Flex ATX Series

PS-5251-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS-5251-05 Datasheet PDF - Lite-On Technology Corporation

Part # PS-5251-05
Download  PS-5251-05 Click to download

File Size   333.37 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Industrial Computing Flex ATX Series

PS-5251-05 Datasheet (HTML) - Lite-On Technology Corporation


PS-5251-05 Product details

Description
This is a high-power factor (PF), multiple-output AC to DC switching mode power supply unit which can provide up to 250 watts continuous with forced cooling by a smart FSC (fan speed control) circuitry. There is a built-in auxiliary converter (5VSB) for energy saving purpose. It complies with 80+bronze as well as worldwide safety and EMC regulations (refer to details below). It is suitable for various industrial PC applications.

* Full AC input voltage range design.
* High power factor and less fictitious power.
* Withstand 300Vac surge voltage for 5 seconds.
* Full Protections: Short-circuit/ Over-voltage/ Over-current/ Over temperature.
* INTEL® standard Flex ATX form factor.
* 1U low profile.
* IEC/EN 62368-1 design compliance.
* Up to 5000 meters operating altitude (note#4)
* High efficiency and high reliability.
* REM_ON/OFF and PWR_OK signal




Similar Part No. - PS-5251-05

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PS-520Q MSPI-PS-520Q Datasheet
209Kb / 1P
Sound Pressure Level (dB/min) 105 at 100cm at Rated voltage
PS-521Q MSPI-PS-521Q Datasheet
209Kb / 1P
Sound Pressure Level Min. (dB) 105 at 100cm at Rated Voltage
PS-522Q MSPI-PS-522Q Datasheet
210Kb / 1P
Sound Pressure Level (dB/min) 105 at 100cm at Rated voltage
PS-523AQ MSPI-PS-523AQ Datasheet
209Kb / 1P
Sound Pressure Level Min. (dB) 105 at 100cm at Rated Voltage
More results


Similar Description - PS-5251-05

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
IMBA-H61A AAEON-IMBA-H61A Datasheet
460Kb / 2P
ATX Industrial Motherboard
logo
Sparkle Power Inc.
FSP150-50FGBBB SPI-FSP150-50FGBBB Datasheet
60Kb / 1P
Complied with Flex ATX standard
FSP250-20FGGBC SPI-FSP250-20FGGBC Datasheet
37Kb / 1P
Complied with Flex ATX standard
FSP300-20FGGBC SPI-FSP300-20FGGBC Datasheet
104Kb / 1P
Complied with Flex ATX standard
FSP400-20FBGB SPI-FSP400-20FBGB Datasheet
42Kb / 1P
Complied with Flex ATX standard
logo
AAEON Technology
IMBA-H61A AAEON-IMBA-H61A_15 Datasheet
460Kb / 2P
ATX Industrial Motherboard
logo
List of Unclassifed Man...
ENP-2322C ETC2-ENP-2322C Datasheet
458Kb / 2P
FLEX-ATX / TFX12V Compliant
logo
Advantech Co., Ltd.
96PS-A400WFX-2 ADVANTECH-96PS-A400WFX-2 Datasheet
414Kb / 2P
400W Flex ATX Power Supply
27-Jun-2017
logo
Lite-On Technology Corp...
PS-6301-07 LITEON-PS-6301-07 Datasheet
353Kb / 3P
Industrial Computing ATX Series
PS-8651-2 LITEON-PS-8651-2 Datasheet
335Kb / 3P
Industrial Computing ATX Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com