Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13005 Datasheet (PDF) - Unisonic Technologies

MJE13005 Datasheet PDF - Unisonic Technologies
Part # MJE13005
Download  MJE13005 Download
File Size   139.65 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description NPN SILICON POWER TRANSISTORS

MJE13005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE13005 Datasheet PDF - Unisonic Technologies

Part # MJE13005
Download  MJE13005 Click to download

File Size   139.65 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description NPN SILICON POWER TRANSISTORS

MJE13005 Datasheet (HTML) - Unisonic Technologies


MJE13005 Product details

DESCRIPTION
These devices are designed for high-voltage, high-speed power switching inductive circuits where fall time is critical.  They are particularly suited for 115 and 220 V SWITCHMODE.


FEATURES
* VCEO(SUS)= 400 V
* Reverse bias SOA with inductive loads @ TC= 100℃
* Inductive switching matrix 2 to 4 Amp, 25 and 100℃
. . . tc @ 3A, 100℃is 180 ns (Typ)
* 700V blocking capability
* SOA and switching applications information

APPLICATIONS
* Switching regulator’s, inverters
* Motor controls
* Solenoid/Relay drivers
* Deflection circuits




Similar Part No. - MJE13005

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13005 MOSPEC-MJE13005 Datasheet
180Kb / 4P
POWER TRANSISTORS(4A,300-400V,75W)
logo
Motorola, Inc
MJE13005 MOTOROLA-MJE13005 Datasheet
311Kb / 8P
4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 75 WATTS
logo
ON Semiconductor
MJE13005 ONSEMI-MJE13005 Datasheet
311Kb / 8P
NPN SILICON POWER TRANSISTOR
August, 2010 ??Rev. 9
logo
Wing Shing Computer Com...
MJE13005 WINGS-MJE13005 Datasheet
36Kb / 1P
NPN SILICON TRANSISTOR(ELECTRONIC TRANSFORMERS , POWER SWICHING CIRCUIT)
logo
KEC(Korea Electronics)
MJE13005 KEC-MJE13005 Datasheet
374Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER, FLUORESCENT LIGHT BALLSTOR)
More results


Similar Description - MJE13005

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com