Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5417 Datasheet (PDF) - Unisonic Technologies

PA5417 Datasheet PDF - Unisonic Technologies
Part # PA5417
Download  PA5417 Download
File Size   139.55 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH-OUTPUT DUAL POWER AMPLIFIER

PA5417 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA5417 Datasheet PDF - Unisonic Technologies

Part # PA5417
Download  PA5417 Click to download

File Size   139.55 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH-OUTPUT DUAL POWER AMPLIFIER

PA5417 Datasheet (HTML) - Unisonic Technologies


PA5417 Product details

DESCRIPTION
The UTC PA5417 is a dual power amplifier of 6~15V-compatible for radio cassette/Mini compo players use. It is developed to equip with standby switching functions for excellent total harmonic distortion and other basic characteristics.

FEATURES
* Operating power supply voltage range from 6V to 15V.
* High output.
    - POUT = 2.8W (VCC = 9V, RL=3Ω, THD = 10%)
    - POUT = 5.0W (VCC = 12V, RL=3Ω, THD = 10%)
* Excellent audio quality
    - THD = 0.1% (f = 1kHz, POUT = 0.5W)
    - eN = 0.3mVrms (Rg = 10kΩ)
    - RR = 55dB (fRR = 100Hz)
* Switching noise (“pop” noise) generated when the power is switched on and off is small.
* Ripple mixing when motor starts has been prevented.
* Built-in thermal shutdown circuit.
* Built-in standby switch that output is not influenced.
* Soft clipping.




Similar Part No. - PA5417

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA5417-J15-A-T UTC-PA5417-J15-A-T Datasheet
144Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
PA5417L-J15-A-T UTC-PA5417L-J15-A-T Datasheet
144Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
PA5417 UTC-PA5417_15 Datasheet
144Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
More results


Similar Description - PA5417

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5622 NSC-CLC5622 Datasheet
180Kb / 12P
Dual, High Output, Video Amplifier
logo
Rohm
BA5415A ROHM-BA5415A Datasheet
257Kb / 10P
High-output dual power amplifier
BA5417 ROHM-BA5417 Datasheet
156Kb / 7P
High-output dual power amplifier
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
logo
Unisonic Technologies
BA5417 UTC-BA5417 Datasheet
241Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
BA5417 UTC-BA5417_15 Datasheet
241Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
PA5417 UTC-PA5417_15 Datasheet
144Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
Dual, High Output, Video Amplifier
logo
American Microsemicondu...
TDA1516Q AMMSEMI-TDA1516Q Datasheet
11Kb / 1P
Dual-Channel Audio Power/Output Amplifier
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com