Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520S30 Datasheet (PDF) - Unisonic Technologies

RB520S30 Datasheet PDF - Unisonic Technologies
Part # RB520S30
Download  RB520S30 Download
File Size   38.01 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SCHOTTKY BARRIER DIODE

RB520S30 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB520S30 Datasheet PDF - Unisonic Technologies

Part # RB520S30
Download  RB520S30 Click to download

File Size   38.01 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SCHOTTKY BARRIER DIODE

RB520S30 Datasheet (HTML) - Unisonic Technologies


RB520S30 Product details

FEATURES
* Miniature surface mounting type
* Low forward voltage drop (VF=0.50V Typ. at 200mA)
* Low reverse leakage current (IR=0.1uA Typ. at 10V)
* Fast switching speed




Similar Part No. - RB520S30

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RB520S30 PANJIT-RB520S30 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Fairchild Semiconductor
RB520S30 FAIRCHILD-RB520S30 Datasheet
158Kb / 5P
Schottky Barrier Diodes
logo
NXP Semiconductors
RB520S30 NXP-RB520S30 Datasheet
267Kb / 12P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
logo
Shenzhen Luguang Electr...
RB520S30 LUGUANG-RB520S30 Datasheet
216Kb / 3P
Schottky Barrier Diodes
logo
SHENZHEN SLS TECHNOLOGY...
RB520S30 SHENZHENSLS-RB520S30 Datasheet
337Kb / 2P
Plastic-Encapsulate Diodes
More results


Similar Description - RB520S30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
DG1N15A SHINDENGEN-DG1N15A Datasheet
700Kb / 2P
Schottky Barrier Diode
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com