Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T78040 Datasheet (PDF) - Unisonic Technologies

T78040 Datasheet PDF - Unisonic Technologies
Part # T78040
Download  T78040 Download
File Size   102.3 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description VERTICAL DEFLECTION OUTPUT CIRCUIT

T78040 Datasheet (PDF)

Go To PDF Page Download Datasheet
T78040 Datasheet PDF - Unisonic Technologies

Part # T78040
Download  T78040 Click to download

File Size   102.3 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description VERTICAL DEFLECTION OUTPUT CIRCUIT

T78040 Datasheet (HTML) - Unisonic Technologies


T78040 Product details

DESCRIPTION

The UTC T78040 is a monolithic integrated circuit and designed for use in high-definition TV and CRT monitors. It is intended to directly drive the deflection coil. Besides, the T78040 offers a maximum deflection current of 1.8A peak to peak to suitable for small to medium diameter CRTs.



FEATURES

* Deflection current can be 1.8A peak value

* Deflection voltage up to 70V

* Flyback generator

* Thermal protection circuit 

* Low cross-over distortion

* Supports DC Coupling




Similar Part No. - T78040

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
T78040 UTC-T78040 Datasheet
186Kb / 5P
VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040G-TB7-T UTC-T78040G-TB7-T Datasheet
186Kb / 5P
VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040G-TB7-T UTC-T78040G-TB7-T Datasheet
199Kb / 5P
VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040L-TB7-T UTC-T78040L-TB7-T Datasheet
186Kb / 5P
VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040L-TB7-T UTC-T78040L-TB7-T Datasheet
199Kb / 5P
VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Similar Description - T78040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9302H STMICROELECTRONICS-TDA9302H Datasheet
79Kb / 5P
VERTICAL DEFLECTION OUTPUT CIRCUIT
Aug-1992
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
Vertical Deflection Output Circuit
LA7875N SANYO-LA7875N Datasheet
40Kb / 4P
Vertical Deflection Output Circuit
logo
Unisonic Technologies
T78041 UTC-T78041 Datasheet
199Kb / 5P
VERTICAL DEFLECTION OUTPUT CIRCUIT
T8172 UTC-T8172 Datasheet
170Kb / 5P
VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_12 Datasheet
186Kb / 5P
VERTICAL DEFLECTION OUTPUT CIRCUIT
T8172 UTC-T8172_15 Datasheet
176Kb / 5P
VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_15 Datasheet
199Kb / 5P
VERTICAL DEFLECTION OUTPUT CIRCUIT
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
VERTICAL DEFLECTION OUTPUT CIRCUIT
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com