Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432 Datasheet (PDF) - Unisonic Technologies

TL432 Datasheet PDF - Unisonic Technologies
Part # TL432
Download  TL432 Download
File Size   103.48 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS

TL432 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL432 Datasheet PDF - Unisonic Technologies

Part # TL432
Download  TL432 Click to download

File Size   103.48 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS

TL432 Datasheet (HTML) - Unisonic Technologies


TL432 Product details

■ DESCRIPTION
The UTC TL432 is a three-terminal adjustable shunt regulator highly accurate 1.25V band gap reference with 0.5%, 1% tolerance. The device offers thermal stability, wide operating current (50mA) and an extended temperature range of 0° to 105°C for operation in power supply applications. The UTC TL432 offers a wide operating voltage range of up to 12V and is an excellent choice for voltage reference requirements in an isolated feedback circuit for 3.0V ~ 3.3V switching mode power supplies. The tight tolerance guarantees a lower design cost for the power supply manufacturer by virtually eliminating the need for an extra power supply manufacturing process of the power supply.

■ FEATURES
* Temperature-Compensated:50ppm/°C
* Internal amplifier with 50mA capability
* Nominal temperature range extended to 105°C
* Low frequency dynamic output impedance:<150Ω
* Low output noise




Similar Part No. - TL432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL432 TI-TL432 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL432 TI-TL432 Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432 Datasheet
165Kb / 5P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Texas Instruments
TL432 TI-TL432 Datasheet
1Mb / 61P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL432 TI-TL432 Datasheet
1Mb / 56P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Similar Description - TL432

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL432C UTC-TL432C Datasheet
103Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432D UTC-TL432D Datasheet
161Kb / 4P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_11 Datasheet
160Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432D UTC-TL432D_11 Datasheet
167Kb / 3P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432D UTC-TL432D_15 Datasheet
145Kb / 4P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_16 Datasheet
177Kb / 6P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com