Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1161803 Datasheet (PDF) - PHOENIX CONTACT

1161803 Datasheet PDF - PHOENIX CONTACT
Part # 1161803
Download  1161803 Download
File Size   417.02 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCO 1,5/ 5-G1R-3,5 BU - PCB header

1161803 Datasheet (PDF)

Go To PDF Page Download Datasheet
1161803 Datasheet PDF - PHOENIX CONTACT

Part # 1161803
Download  1161803 Click to download

File Size   417.02 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCO 1,5/ 5-G1R-3,5 BU - PCB header

1161803 Datasheet (HTML) - PHOENIX CONTACT


1161803 Product details

PCB headers, nominal cross section: 1.5 mm2, color: blue, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 5, number
of rows: 1, number of positions: 5, number of connections: 5, product range: MCO 1,5/..-G1R,
pitch: 3.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 2 mm,
locking: without, type of packaging: packed in cardboard, Product with pin output on right side

Your advantages
• Plug-in direction orthogonal to the PCB




Similar Part No. - 1161803

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1161 ETC2-1161 Datasheet
28Kb / 1P
Perfect for cutting jackets off a variety of fibre optic cable
logo
CEE Norm UK Ltd
1161 CEENORM-1161 Datasheet
1Mb / 4P
Socket Outlets
logo
List of Unclassifed Man...
11610 ETC2-11610 Datasheet
332Kb / 1P
Fuse carriers, Domestic cartridge fuses
logo
Elektron Components Ltd...
11610 BULGIN-11610 Datasheet
271Kb / 11P
Plugs and Sockets
logo
PHOENIX CONTACT
1161037 PHOENIX-1161037 Datasheet
309Kb / 8P
ME 67,5 UT BUS/102 KMGY - Mounting base housing
More results


Similar Description - 1161803

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2278351 PHOENIX-2278351 Datasheet
70Kb / 4P
Base strip - MCO 1,5/ 5-G1R-3,5 KMGY
2278380 PHOENIX-2278380 Datasheet
112Kb / 4P
MCO 1,5/ 5-G1L-3,5 KMGY
2200534 PHOENIX-2200534 Datasheet
52Kb / 3P
Printed-circuit board connector - MCO 1,5/ 5-G1R-3,5 BK
2201421 PHOENIX-2201421 Datasheet
44Kb / 2P
Printed-circuit board connector - MCO 1,5/ 5-G1L-3,5 BK
2202331 PHOENIX-2202331 Datasheet
41Kb / 1P
Printed-circuit board connector - MCO-EH 1,5/5 G1R-3,5GY7035
2202332 PHOENIX-2202332 Datasheet
41Kb / 1P
Printed-circuit board connector - MCO-EH 1,5/5 G1R-3,5 BK
2278319 PHOENIX-2278319 Datasheet
109Kb / 4P
MCO 1,5/ 3-G1L-3,5 KMGY
2278322 PHOENIX-2278322 Datasheet
109Kb / 4P
MCO 1,5/ 3-G1R-3,5 KMGY
2202670 PHOENIX-2202670 Datasheet
50Kb / 2P
Printed-circuit board connector - MCO 1,5/ 5-G1R-3,5 GNCD:2
11/05/2018
1843826 PHOENIX-1843826 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 5-GF-3,5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com