Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJQ1908 Datasheet (PDF) - Pan Jit International Inc.

PJQ1908 Datasheet PDF - Pan Jit International Inc.
Part # PJQ1908
Download  PJQ1908 Download
File Size   380.43 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 50V N-Channel Enhancement Mode MOSFET

PJQ1908 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJQ1908 Datasheet PDF - Pan Jit International Inc.

Part # PJQ1908
Download  PJQ1908 Click to download

File Size   380.43 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 50V N-Channel Enhancement Mode MOSFET

PJQ1908 Datasheet (HTML) - Pan Jit International Inc.


PJQ1908 Product details

Features
● RDS(ON), VGS@10V, ID@500mA<1.45Ω
● RDS(ON), VGS@4.5V, ID@200mA<1.95Ω
● RDS(ON), VGS@2.5V, ID@100mA<4Ω
● RDS(ON), VGS@1.8V, ID@10mA<6Ω
● Advanced Trench Process Technology
● ESD Protected 2KV HBM
● Specially Designed for Switch Load
● Lead free in compliance with EU RoHS 2.0
● Green molding compound as per IEC 61249 standard




Similar Part No. - PJQ1908

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJQ1908-AU PANJIT-PJQ1908-AU Datasheet
381Kb / 6P
50V N-Channel Enhancement Mode MOSFET
July 25,2023
More results


Similar Description - PJQ1908

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN002N05Y3 CYSTEKEC-MTN002N05Y3 Datasheet
344Kb / 8P
50V N-CHANNEL Enhancement Mode MOSFET
BSS138C3 CYSTEKEC-BSS138C3 Datasheet
323Kb / 8P
50V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT5015LFDF DIODES-DMT5015LFDF_15 Datasheet
353Kb / 6P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMT5015LFDF DIODES-DMT5015LFDF Datasheet
353Kb / 6P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
BSS138DWK DIODES-BSS138DWK Datasheet
707Kb / 7P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2021
BSS138K DIODES-BSS138K Datasheet
509Kb / 7P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
October 2019
BSS138WQ DIODES-BSS138WQ Datasheet
686Kb / 7P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2021
DMN5040LSS DIODES-DMN5040LSS Datasheet
409Kb / 7P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2016 Rev. 1 - 2
DMN52D0LT DIODES-DMN52D0LT Datasheet
698Kb / 8P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 2 - 2
DMN52D0UVA DIODES-DMN52D0UVA Datasheet
588Kb / 8P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com