Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF020A Datasheet (PDF) - Microchip Technology

SST25WF020A Datasheet PDF - Microchip Technology
Part # SST25WF020A_V01
Download  SST25WF020A Download
File Size   1725.84 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2 Mbit 1.8V SPI Serial Flash

SST25WF020A Datasheet (PDF)

Go To PDF Page Download Datasheet
SST25WF020A Datasheet PDF - Microchip Technology

Part # SST25WF020A_V01
Download  SST25WF020A Click to download

File Size   1725.84 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2 Mbit 1.8V SPI Serial Flash

SST25WF020A Datasheet (HTML) - Microchip Technology


SST25WF020A Product details

Product Description
SST25WF020A is a member of the Serial Flash 25
Series family and feature a four-wire, SPI-compatible
interface that allows for a low pin count package which
occupies less board space and ultimately lowers total
system costs. SPI Serial Flash memory is manufactured
with proprietary, high performance CMOS
SuperFlash technology. The split-gate cell design and
thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.
This Serial Flash significantly improves performance
and reliability, while lowering power consumption. The
device writes (Program or Erase) with a single power
supply of 1.65-1.95V. The total energy consumed is a
function of the applied voltage, current, and time of
application. Since for any given voltage range, the
SuperFlash technology uses less current to program
and has a shorter erase time, the total energy consumed
during any Program or Erase operation is less
than alternative Flash memory technologies.

Features
• Single Voltage Read and Write Operations
- 1.65-1.95V
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• High Speed Clock Frequency
- 40MHz
• Superior Reliability
- Endurance: 100,000 Cycles
- Greater than 20 years Data Retention
• Ultra-Low Power Consumption:
- Active Read Current: 4 mA (typical)
- Standby Current: 10 μA (typical)
- Power-down Mode Standby Current: 4 μA (typical)
• Flexible Erase Capability
- Uniform 4 KByte sectors
- Uniform 64 KByte overlay blocks
• Page Program Mode
- 256 Bytes/Page
• Fast Erase and Page-Program:
- Chip-Erase Time: 300 ms (typical)
- Sector-Erase Time: 40 ms (typical)
- Block-Erase Time: 80 ms (typical)
- Page-Program Time: 3 ms/ 256 bytes (typical)
• End-of-Write Detection
- Software polling the BUSY bit in Status Register
• Hold Pin (HOLD#)
- Suspend a serial sequence without
deselecting the device
• Write-Protection (WP#)
- Enables/Disables the Lock-Down function of
the status register
• Software Write-Protection
- Write protection through Block-Protection bits
in status register
• Temperature Range
- Industrial: -40°C to +85°C




Similar Part No. - SST25WF020A_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25WF020A-40-5I-SN MICROCHIP-SST25WF020A-40-5I-SN Datasheet
546Kb / 36P
2 Mbit 1.8V SPI Serial Flash
2013
SST25WF020A-40I/MF MICROCHIP-SST25WF020A-40I/MF Datasheet
387Kb / 39P
2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A-40I/SN MICROCHIP-SST25WF020A-40I/SN Datasheet
387Kb / 39P
2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020AT-40-5I-NP MICROCHIP-SST25WF020AT-40-5I-NP Datasheet
546Kb / 36P
2 Mbit 1.8V SPI Serial Flash
2013
SST25WF020AT-40-5I-SN MICROCHIP-SST25WF020AT-40-5I-SN Datasheet
546Kb / 36P
2 Mbit 1.8V SPI Serial Flash
2013
More results


Similar Description - SST25WF020A_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
SST25WF512 SST-SST25WF512_10 Datasheet
887Kb / 32P
512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
2 Mbit SPI Serial Flash
2013 04/13
SST25WF020A MICROCHIP-SST25WF020A Datasheet
546Kb / 36P
2 Mbit 1.8V SPI Serial Flash
2013
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
8 Mbit 1.8V SPI Serial Flash
10/12
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
8 Mbit 1.8V SPI Serial Flash
2014
SST25WF040B MICROCHIP-SST25WF040B Datasheet
734Kb / 39P
4 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
2 Mbit 1.8V SPI Serial Flash
2014
SST25WF040B MICROCHIP-SST25WF040B_V01 Datasheet
1Mb / 41P
4 Mbit 1.8V SPI Serial Flash
Revision E Dec 2018
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com