Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1270A Datasheet (PDF) - Microchip Technology

TC1270A Datasheet PDF - Microchip Technology
Part # TC1270A
Download  TC1270A Download
File Size   1054.89 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Voltage Supervisor with Manual Reset Input

TC1270A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1270A Datasheet PDF - Microchip Technology

Part # TC1270A
Download  TC1270A Click to download

File Size   1054.89 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Voltage Supervisor with Manual Reset Input

TC1270A Datasheet (HTML) - Microchip Technology


TC1270A Product details

Features
• Precision Voltage Monitor
- 2.63V, 2.93V, 3.08V, 4.38V and 4.63V Trip
Points (Typical)
• Manual Reset Input
• Reset Time-Out Delay:
- Standard: 280 ms (Typical)
- Optional: 2.19 ms, and 35 ms (Typical)
• Power Consumption  15 μA max
• No glitches on outputs during power-up
• Active Low Output Options:
- Push-Pull Output and Open-Drain Output
• Active High Output Option:
- Push-Pull Output
• Replacement for (Specification compatible with):
- TC1270, TC1271
- TCM811, TCM812
• Fully Static Design
• Low-Voltage Operation (1.0V)
• ESD Protection:
-  4 kV Human Body Model (HBM)
-  400V Machine Model (MM)
• Extended (E) Temperature Range:
–40°C to +125°C
• Package Options:
- 4-Lead SOT-143
- 5-Lead SOT-23
- Pb-free Device
• Passes Automotive AEC-Q100 Reliability Testing




Similar Part No. - TC1270A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270ALBVCTTR MICROCHIP-TC1270ALBVCTTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270ALBVRCTR MICROCHIP-TC1270ALBVRCTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270ALCVCTTR MICROCHIP-TC1270ALCVCTTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270ALCVRCTR MICROCHIP-TC1270ALCVRCTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
More results


Similar Description - TC1270A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
4 Pin P Voltage Supervisor with Manual Reset
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
logo
Texas Instruments
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
Quad Reset Supervisor with Manual Reset Input
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
Quad Reset Supervisor with Manual Reset Input
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Union Semiconductor, In...
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com