Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC00 Datasheet (PDF) - ON Semiconductor

74VHC00 Datasheet PDF - ON Semiconductor
Part # 74VHC00
Download  74VHC00 Download
File Size   92.68 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput NAND Gate

74VHC00 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC00 Datasheet PDF - ON Semiconductor

Part # 74VHC00
Download  74VHC00 Click to download

File Size   92.68 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput NAND Gate

74VHC00 Datasheet (HTML) - ON Semiconductor


74VHC00 Product details

The MC74VHC00 is an advanced high speed CMOS 2−input NAND gate fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7 V, allowing the interface of 5 V systems to 3 V systems.

Features
• High Speed: tPD = 3.7 ns (Typ) at VCC = 5 V
• Low Power Dissipation: ICC = 2 A (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2 V to 5.5 V Operating Range
• Low Noise: VOLP = 0.8 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance: HBM > 2000 V; Machine Model > 200 V
• Chip Complexity: 32 FETs or 8 Equivalent Gates
• Pb−Free Packages are Available




Similar Part No. - 74VHC00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC00 STMICROELECTRONICS-74VHC00 Datasheet
66Kb / 8P
QUAD 2-INPUT NAND GATE
Jun-2001
logo
Fairchild Semiconductor
74VHC00 FAIRCHILD-74VHC00 Datasheet
75Kb / 7P
Quad 2-Input NAND Gate
logo
STMicroelectronics
74VHC00 STMICROELECTRONICS-74VHC00 Datasheet
231Kb / 11P
QUAD 2-INPUT NAND GATE
12-Nov-2004
logo
ON Semiconductor
74VHC00 ONSEMI-74VHC00 Datasheet
312Kb / 10P
Quad 2-Input NAND Gate
February 2008 Rev. 1.3.0
logo
Toshiba Semiconductor
74VHC00FT TOSHIBA-74VHC00FT Datasheet
148Kb / 7P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-07-07 Rev.5.0
More results


Similar Description - 74VHC00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC132 ONSEMI-MC74AC132 Datasheet
126Kb / 8P
Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC14093B ONSEMI-MC14093B_06 Datasheet
160Kb / 9P
Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com