Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1198 Datasheet (PDF) - Unisonic Technologies

2SB1198 Datasheet PDF - Unisonic Technologies
Part # 2SB1198
Download  2SB1198 Download
File Size   119.4 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW FREQUENCY PNP TRANSISTOR

2SB1198 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1198 Datasheet PDF - Unisonic Technologies

Part # 2SB1198
Download  2SB1198 Click to download

File Size   119.4 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW FREQUENCY PNP TRANSISTOR

2SB1198 Datasheet (HTML) - Unisonic Technologies


2SB1198 Product details

DESCRIPTION
The UTC 2SB1198 is an epitaxial planar type PNP silicon transistor.

FEATURES
* High breakdown voltage : BVCEO= -80V
* Low VCE(sat) : VCE(sat)= -0.2V (Typ) (Ic/IB = -0.5A/-50mA)




Similar Part No. - 2SB1198

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1198 ROHM-2SB1198 Datasheet
93Kb / 3P
Low-frequency Transistor(-80V, -0.5A)
logo
Unisonic Technologies
2SB1198 UTC-2SB1198 Datasheet
249Kb / 4P
LOW FREQUENCY PNP TRANSISTOR
logo
Jiangsu Changjiang Elec...
2SB1198 JIANGSU-2SB1198 Datasheet
760Kb / 4P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SB1198 DGNJDZ-2SB1198 Datasheet
1Mb / 4P
SOT-23 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SB1198G-X-AE3-R UTC-2SB1198G-X-AE3-R Datasheet
249Kb / 4P
LOW FREQUENCY PNP TRANSISTOR
More results


Similar Description - 2SB1198

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1132 TSC-TSB1132 Datasheet
44Kb / 3P
Low Frequency PNP Transistor
TSB1386 TSC-TSB1386 Datasheet
116Kb / 4P
Low Frequency PNP Transistor
logo
Unisonic Technologies
2SB1386 UTC-2SB1386 Datasheet
200Kb / 5P
LOW FREQUENCY PNP TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SB1386 SECOS-2SB1386 Datasheet
112Kb / 3P
PNP Silicon Low Frequency Transistor
logo
Taiwan Semiconductor Co...
TSB1386 TSC-TSB1386_1 Datasheet
319Kb / 4P
Low Frequency PNP Transistor
logo
Unisonic Technologies
2SB1198 UTC-2SB1198_11 Datasheet
249Kb / 4P
LOW FREQUENCY PNP TRANSISTOR
2SB1386 UTC-2SB1386_10 Datasheet
178Kb / 5P
LOW FREQUENCY PNP TRANSISTOR
logo
Guilin Strong Micro-Ele...
GM807 GSME-GM807 Datasheet
228Kb / 2P
PNP Low Frequency Amplifier Transistor
GMA1505 GSME-GMA1505 Datasheet
207Kb / 2P
PNP Low Frequency Amplifier Transistor
logo
Unisonic Technologies
2SB1386 UTC-2SB1386_15 Datasheet
215Kb / 5P
LOW FREQUENCY PNP TRANSISTOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com