Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC112 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CD54HC112 Datasheet PDF - Texas Instruments
Part # CD54HC112
Download  CD54HC112 Download
File Size   1379.3 Kbytes
Page   29 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description CDx4HC112, CDx4HCT112 Dual J-K Flip-Flop with Set and Reset with Negative-Edge Trigger

CD54HC112 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC112 Datasheet PDF - Texas Instruments

Part # CD54HC112
Download  CD54HC112 Click to download

File Size   1379.3 Kbytes
Page   29 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description CDx4HC112, CDx4HCT112 Dual J-K Flip-Flop with Set and Reset with Negative-Edge Trigger

CD54HC112 Datasheet (HTML) - Texas Instruments


CD54HC112 Product details

1 Features
• Hysteresis on clock inputs for improved noise
immunity and increased input rise and fall times
• Asynchronous set and reset
• Complementary outputs
• Buffered inputs
• Typical fMAX = 60 MHz at VCC = 5 V, CL = 15 pF, TA
= 25℃
• Fanout (over temperature range)
– Standard outputs: 10 LSTTL loads
– Bus driver outputs: 15 LSTTL loads
• Wide operating temperature range: -55℃ to 125℃
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
Logic ICs
• HC types
– 2 V to 6 V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5 V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility, VIL = 0.8
V (max), VIH = 2 V (min)
– CMOS input compatibility, II ≤ 1 μA at VOL, VOH

2 Description
The ’HC112 and ’HCT112 utilize silicon-gate CMOS
technology to achieve operating speeds equivalent to
LSTTL parts. They exhibit the low power consumption
of standard CMOS integrated circuits, together with
the ability to drive 10 LSTTL loads.
These flip-flops have independent J, K, PRE, CLR,
and Clock inputs and Q and Q outputs. They
change state on the negative-going transition of
the clock pulse. PRE and CLR are accomplished
asynchronously by low-level inputs.
The HCT logic family is functionally as well as pin
compatible with the standard LS logic family.




Similar Part No. - CD54HC112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC112 TI-CD54HC112 Datasheet
346Kb / 13P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112 Datasheet
643Kb / 18P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI1-CD54HC112 Datasheet
757Kb / 20P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112F3A TI-CD54HC112F3A Datasheet
346Kb / 13P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112F3A TI-CD54HC112F3A Datasheet
643Kb / 18P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
More results


Similar Description - CD54HC112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC107 TI-CD74HC107 Datasheet
56Kb / 8P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD74HC112 TI-CD74HC112 Datasheet
55Kb / 8P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73 Datasheet
266Kb / 13P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112 Datasheet
346Kb / 13P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112_08 Datasheet
643Kb / 18P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_08 Datasheet
452Kb / 15P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107_08 Datasheet
451Kb / 15P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
SN75C188DRG4 TI1-SN75C188DRG4 Datasheet
765Kb / 20P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC107 TI1-CD54HC107_16 Datasheet
624Kb / 16P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC112 TI1-CD54HC112_15 Datasheet
757Kb / 20P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com