Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54AS244A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN54AS244A Datasheet PDF - Texas Instruments
Part # SN54AS244A
Download  SN54AS244A Download
File Size   1462.97 Kbytes
Page   25 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS

SN54AS244A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54AS244A Datasheet PDF - Texas Instruments

Part # SN54AS244A
Download  SN54AS244A Click to download

File Size   1462.97 Kbytes
Page   25 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS

SN54AS244A Datasheet (HTML) - Texas Instruments


SN54AS244A Product details

• 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
• pnp Inputs Reduce dc Loading
• Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs

description
These octal buffers and line drivers are designed
specifically to improve the performance and
density of 3-state memory address drivers, clock
drivers, and bus-oriented receivers and
transmitters. With the 4ALS240A, 4ALS241C,
4AS240A, and 4AS241A, these devices provide the
choice of selected combinations of inverting
outputs, symmetrical active-low output-enable
(OE) inputs, and complementary OE and OE
inputs.
The -1 version of SN74ALS244C is identical to the
standard version, except that the recommended
maximum IOL for the -1 version is 48 mA. There is
no -1 version of the SN54ALS244C.
The SN54ALS244C and SN54AS244A are
characterized for operation over the full military
temperature range of –55°C to 125°C. The
SN74ALS244C and SN74AS244A are
characterized for operation from 0°C to 70°C.




Similar Part No. - SN54AS244A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS244A TI-SN54AS244A Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AS244A TI1-SN54AS244A Datasheet
1Mb / 22P
OCTAL BUFFERS AND LINE DRIVERS
SN54AS244AFK TI-SN54AS244AFK Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AS244AJ TI-SN54AS244AJ Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AS244AJ TI1-SN54AS244AJ Datasheet
1Mb / 22P
OCTAL BUFFERS AND LINE DRIVERS
More results


Similar Description - SN54AS244A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS240 TI-SN74LS240 Datasheet
936Kb / 28P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_08 Datasheet
635Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540 Datasheet
131Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com