Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS374 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN54LS374 Datasheet PDF - Texas Instruments
Part # SN54LS374
Download  SN54LS374 Download
File Size   1581.54 Kbytes
Page   32 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS

SN54LS374 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LS374 Datasheet PDF - Texas Instruments

Part # SN54LS374
Download  SN54LS374 Click to download

File Size   1581.54 Kbytes
Page   32 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS

SN54LS374 Datasheet (HTML) - Texas Instruments


SN54LS374 Product details

Choice of Eight Latches or Eight D-Type
Flip-Flops in a Single Package
3-State Bus-Driving Outputs
Full Parallel Access for Loading
Buffered Control Inputs
Clock-Enable Input Has Hysteresis to
Improve Noise Rejection (’S373 and ’S374)
P-N-P Inputs Reduce DC Loading on Data
Lines (’S373 and ’S374)

description
These 8-bit registers feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. The
high-impedance 3-state and increased
high-logic-level drive provide these registers with
the capability of being connected directly to and
driving the bus lines in a bus-organized system
without need for interface or pullup components.
These devices are particularly attractive for
implementing buffer registers, I/O ports,
bidirectional bus drivers, and working registers.
The eight latches of the ’LS373 and ’S373 are
transparent D-type latches, meaning that while
the enable (C or CLK) input is high, the Q outputs
follow the data (D) inputs. When C or CLK is taken
low, the output is latched at the level of the data
that was set up.
The eight flip-flops of the ’LS374 and ’S374 are
edge-triggered D-type flip-flops. On the positive
transition of the clock, the Q outputs are set to the
logic states that were set up at the D inputs.
Schmitt-trigger buffered inputs at the enable/clock lines of the ’S373 and ’S374 devices simplify system design
as ac and dc noise rejection is improved by typically 400 mV due to the input hysteresis. A buffered
output-control (OC) input can be used to place the eight outputs in either a normal logic state (high or low logic
levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines
significantly.
OC does not affect the internal operation of the latches or flip-flops. That is, the old data can be retained or new
data can be entered, even while the outputs are off.




Similar Part No. - SN54LS374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS374 TI-SN54LS374 Datasheet
331Kb / 24P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS374 TI-SN54LS374 Datasheet
242Kb / 10P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS374 TI-SN54LS374 Datasheet
694Kb / 28P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS374 TI1-SN54LS374 Datasheet
1Mb / 30P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS374-SP TI1-SN54LS374-SP Datasheet
1Mb / 30P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
More results


Similar Description - SN54LS374

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS373 NSC-DM54LS373 Datasheet
160Kb / 8P
TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
logo
Texas Instruments
SN54LS373 TI-SN54LS373 Datasheet
331Kb / 24P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
logo
Fairchild Semiconductor
DM74LS373 FAIRCHILD-DM74LS373 Datasheet
88Kb / 8P
3-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
logo
Texas Instruments
SN74S374 TI-SN74S374 Datasheet
242Kb / 10P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74LS373 TI-SN74LS373_07 Datasheet
694Kb / 28P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54AC374 TI-SN54AC374_07 Datasheet
684Kb / 18P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54LS373 TI1-SN54LS373_16 Datasheet
1Mb / 30P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com