Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC555CDG4 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLC555CDG4 Datasheet PDF - Texas Instruments
Part # TLC555CDG4
Download  TLC555CDG4 Download
File Size   992.29 Kbytes
Page   42 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLC555 LinCMOS™ Timer

TLC555CDG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC555CDG4 Datasheet PDF - Texas Instruments

Part # TLC555CDG4
Download  TLC555CDG4 Click to download

File Size   992.29 Kbytes
Page   42 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLC555 LinCMOS™ Timer

TLC555CDG4 Datasheet (HTML) - Texas Instruments


TLC555CDG4 Product details

1 Features
1• Very low power consumption:
– 1-mW typical at VDD = 5 V
• Capable of operation in astable mode
• CMOS output capable of swinging rail to rail
• High output current capability
– Sink: 100-mA typical
– Source: 10-mA typical
• Output fully compatible with CMOS, TTL, and
MOS
• Low supply current reduces spikes during output
transitions
• Single-supply operation from 2 V to 15 V
• Functionally interchangeable with the NE555; has
same pinout
• ESD protection exceeds 2000 V per MIL-STD-
883C, method 3015.2
• Available in Q-temp automotive
– High-reliability automotive applications
– Configuration control and print support
– Qualification to automotive standards

2 Applications
• Precision timing
• Pulse generation
• Sequential timing
• Time delay generation
• Pulse width modulation
• Pulse position modulation
• Linear ramp generator

3 Description
The TLC555 is a monolithic timing circuit fabricated
using the TI LinCMOS™ process. The timer is fully
compatible with CMOS, TTL, and MOS logic and
operates at frequencies up to 2 MHz. Because of its
high input impedance, this device supports smaller
timing capacitors than those supported by the NE555
or LM555. As a result, more accurate time delays and
oscillations are possible. Power consumption is low
across the full range of power-supply voltage.
Like the NE555, the TLC555 has a trigger level equal
to approximately one-third of the supply voltage and a
threshold level equal to approximately two-thirds of
the supply voltage. These levels can be altered by
use of the control voltage terminal (CONT). When the
trigger input (TRIG) falls below the trigger level, the
flip-flop is set and the output goes high. If TRIG is
above the trigger level and the threshold input
(THRES) is above the threshold level, the flip-flop is
reset and the output is low. The reset input (RESET)
can override all other inputs and can be used to
initiate a new timing cycle. If RESET is low, the flipflop
is reset and the output is low. Whenever the
output is low, a low-impedance path is provided
between the discharge terminal (DISCH) and GND.
All unused inputs must be tied to an appropriate logic
level to prevent false triggering.




Similar Part No. - TLC555CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555CDG4 TI-TLC555CDG4 Datasheet
404Kb / 19P
LinCMOSE TIMERS
TLC555CDG4 TI1-TLC555CDG4 Datasheet
1Mb / 25P
LinCMOSE TIMERS
TLC555CDG4 TI-TLC555CDG4 Datasheet
1Mb / 42P
TLC555 LinCMOS??Timer
More results


Similar Description - TLC555CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555-Q1 TI-TLC555-Q1 Datasheet
195Kb / 13P
LinCMOS??TIMER
TLC374 TI-TLC374 Datasheet
771Kb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC555-DIE TI1-TLC555-DIE Datasheet
71Kb / 5P
LinCMOS??TIMER
TLC555-Q1 TI1-TLC555-Q1 Datasheet
475Kb / 25P
LinCMOS TIMER
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC555 TI-TLC555_V01 Datasheet
1Mb / 42P
TLC555 LinCMOS??Timer
logo
Littelfuse
48541 LITTELFUSE-48541 Datasheet
786Kb / 4P
FlexMod™ ELECTRONIC VOLTAGE SENSING RELAY & TIMER
2017 Rev: 053117
48636 LITTELFUSE-48636 Datasheet
734Kb / 4P
FlexMod™ ELECTRONIC TIMER FOR INTERIOR LIGHTING
2017 Rev: 053117
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com