Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV341 Datasheet (PDF) - Texas Instruments

TLV341 Datasheet PDF - Texas Instruments
Part # TLV341_V01
Download  TLV341 Download
File Size   2524.9 Kbytes
Page   40 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown

TLV341 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV341 Datasheet PDF - Texas Instruments

Part # TLV341_V01
Download  TLV341 Click to download

File Size   2524.9 Kbytes
Page   40 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown

TLV341 Datasheet (HTML) - Texas Instruments


TLV341 Product details

1 Features
1• 1.8-V and 5-V Performance
• Low Offset (A Grade)
– 1.25 mV Maximum (25°C)
– 1.7 mV Maximum (–40°C to 125°C)
• Rail-to-Rail Output Swing
• Wide Common-Mode Input Voltage Range: –0.2 V
to (V+ – 0.5 V)
• Input Bias Current: 1 pA (Typical)
• Input Offset Voltage: 0.3 mV (Typical)
• Low Supply Current: 70 μA/Channel
• Low Shutdown Current:
10 pA (Typical) Per Channel
• Gain Bandwidth: 2.3 MHz (Typical)
• Slew Rate: 0.9 V/μs (Typical)
• Turnon Time From Shutdown: 5 μs (Typical)
• Input Referred Voltage Noise (at 10 kHz):
20 nV/√Hz
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (HBM)
– 750-V Charged-device model (CDM)

2 Applications
• Cellular Phones
• Consumer Electronics (Laptops)
• Audio Preamplifier for Voice
• Portable and Battery-Powered Electronic
Equipment
• Supply Current Monitoring
• Battery Monitoring
• Buffers
• Filters

3 Description
The TLV34xx devices are single and dual CMOS
operational amplifiers, respectively, with low-voltage,
low-power, and rail-to-rail output swing capabilities.
The PMOS input stage offers an ultra-low input bias
current of 1 pA (typical) and an offset voltage of
0.3 mV (typical). For applications requiring excellent
dc precision, the A grade (TLV34xA) has a low offset
voltage of 1.25 mV (maximum) at 25°C.
These single-supply amplifiers are designed
specifically for ultra-low-voltage (1.5 V to 5 V)
operation, with a common-mode input voltage range
that typically extends from –0.2 V to 0.5 V from the
positive supply rail.
The TLV341 (single) and TLV342 (dual) in the RUG
package also offer a shutdown (SHDN) pin that can
be used to disable the device. In shutdown mode, the
supply current is reduced to 45 pA (typical). Offered
in both the SOT-23 and smaller SC70 packages, the
TLV341 is suitable for the most space-constrained
applications. The dual TLV342 is offered in the
standard SOIC, VSSOP, and X2QFN packages.
An extended industrial temperature range from –40°C
to 125°C makes the TLV34xx suitable in a wide
variety of commercial and industrial applications.




Similar Part No. - TLV341_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341A TI1-TLV341A Datasheet
2Mb / 36P
Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
TLV341AIDBVR TI-TLV341AIDBVR Datasheet
685Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341AIDBVR TI-TLV341AIDBVR Datasheet
719Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341AIDBVR TI-TLV341AIDBVR Datasheet
967Kb / 30P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341AIDBVR TI-TLV341AIDBVR Datasheet
1,002Kb / 30P
LOW-VOLTAGE RAIL-TO-RAIT OUTPUT CMOS OPERATIONAL AMPLIFIERS
More results


Similar Description - TLV341_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV116 NSC-LMV116 Datasheet
416Kb / 13P
Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
logo
Texas Instruments
TLV341 TI-TLV341 Datasheet
685Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
967Kb / 30P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com