Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2688 Datasheet (PDF) - Unisonic Technologies

2SC2688 Datasheet PDF - Unisonic Technologies
Part # 2SC2688
Download  2SC2688 Download
File Size   192.92 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description NPN SILICON TRANSISTOR

2SC2688 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2688 Datasheet PDF - Unisonic Technologies

Part # 2SC2688
Download  2SC2688 Click to download

File Size   192.92 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description NPN SILICON TRANSISTOR

2SC2688 Datasheet (HTML) - Unisonic Technologies


2SC2688 Product details

DESCRIPTION
The UTC 2SC2688 is designed for use in Color TV chroma output circuits.

FEATURES
* High Electrostatic-Discharge-Resistance.
   ESDR: 1000V TYP. (E-B reverse bias, C=2300pF)
* Low Cre, High fT
   Cre ≤3.0 pF (VCB=30V)
   fT ≥50MHz (VCE=30V, IE=-10mA)




Similar Part No. - 2SC2688

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2688 NEC-2SC2688 Datasheet
140Kb / 3P
NPN Silicon Transistor
logo
Savantic, Inc.
2SC2688 SAVANTIC-2SC2688 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
logo
Unisonic Technologies
2SC2688 UTC-2SC2688 Datasheet
262Kb / 5P
NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2SC2688 SAVANTIC-2SC2688 Datasheet
105Kb / 3P
Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
2SC2688 FOSHAN-2SC2688 Datasheet
766Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
More results


Similar Description - 2SC2688

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com