Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7B35-01-2 Datasheet (PDF) - Analog Devices

7B35-01-2 Datasheet PDF - Analog Devices
Part # 7B35-01-2
Download  7B35-01-2 Download
File Size   532.96 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Process Current Input with Loop Power

7B35-01-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
7B35-01-2 Datasheet PDF - Analog Devices

Part # 7B35-01-2
Download  7B35-01-2 Click to download

File Size   532.96 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Process Current Input with Loop Power

7B35-01-2 Datasheet (HTML) - Analog Devices


7B35-01-2 Product details

PRODUCT OVERVIEW
The 7B Series of signal conditioners feature small size, low cost and a wide output voltage range for a variety of applications including process control and factory-floor environments. The single-channel 7B modules accept inputs from a range of transducers and are fully rated over the extended -40oC to +85oC industrial temperature range. All 7B Series modules are rated for a nominal power supply input of +24 VDC; and, for maximum flexibility, they will accept supply voltages in the +14 VDC to +35 VDC range. The input modules, with the exception of the 7B21, provide a high-level output voltage that is factory configured for either the +1 V to +5 V or 0 V to +10 V range.

FEATURES
    Single-channel signal conditioning current input module
        that interfaces with two-wire transmitters.
    Module provides a precision output of either +1 V to +5 V or
        +2 V to +10 V, linear with temperature.
    Features a isolated 24 VDC loop supply for driving the transmitter.
    All 7B35 series modules are mix-and-match and Hot Swappable.

APPLICATIONS
    Industrial signal isolation
    Industrial signal filtering




Similar Part No. - 7B35-01-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B35 AD-7B35_15 Datasheet
533Kb / 8P
Isolated Process Current Input with Loop Power
REV. 0
More results


Similar Description - 7B35-01-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B32 AD-3B32 Datasheet
352Kb / 8P
Isolated, Process Current Input
5B42 AD-5B42 Datasheet
693Kb / 8P
ISOLATED, PROCESS CURRENT INPUT
3B39 AD-3B39 Datasheet
385Kb / 8P
Isolated Process Current Output
7B32 AD-7B32 Datasheet
534Kb / 8P
Isolated Process Current Input
REV. 0
3B32 AD-3B32_15 Datasheet
360Kb / 8P
Isolated, Process Current Input
REV. 0
3B39 AD-3B39_15 Datasheet
386Kb / 8P
Isolated Process Current Output
REV. 0
5B42 AD-5B42_15 Datasheet
693Kb / 8P
Isolated, Process Current Input
REV. 0
7B32 AD-7B32_15 Datasheet
535Kb / 8P
Isolated Process Current Input
REV. 0
7B35 AD-7B35_15 Datasheet
533Kb / 8P
Isolated Process Current Input with Loop Power
REV. 0
7B39 AD-7B39_15 Datasheet
532Kb / 8P
Isolated, Process Current Output
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com