Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1797 Datasheet (PDF) - Rohm

2SA1797 Datasheet PDF - Rohm
Part # 2SA1797
Download  2SA1797 Download
File Size   97.71 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (−50V, −3A)

2SA1797 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1797 Datasheet PDF - Rohm

Part # 2SA1797
Download  2SA1797 Click to download

File Size   97.71 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (−50V, −3A)

2SA1797 Datasheet (HTML) - Rohm




Similar Part No. - 2SA1797

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
Power Transistor (-50V, -3A)
logo
Unisonic Technologies
2SA1797 UTC-2SA1797 Datasheet
43Kb / 2P
POWER TRANSISTOR
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
Power Transistor (-50V, -3A)
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
logo
SeCoS Halbleitertechnol...
2SA1797 SECOS-2SA1797 Datasheet
496Kb / 2P
PNP General Purpose Transistor
More results


Similar Description - 2SA1797

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
Rohm
QST2 ROHM-QST2 Datasheet
68Kb / 3P
General purpose amplification (−12V, −3A)
2SA2073 ROHM-2SA2073 Datasheet
70Kb / 5P
High voltage discharge, High speed switching, Low Noise (−60V, −3A)
2SA2072 ROHM-2SA2072 Datasheet
71Kb / 5P
High voltage discharge, High speed switching, Low Noise (−60V, −3A)
2SB1184 ROHM-2SB1184_1 Datasheet
95Kb / 4P
Power Transistor (−60V, −3A)
2SB1424 ROHM-2SB1424_1 Datasheet
91Kb / 4P
Low VCE(sat) Transistor (−20V, −3A)
2SA2072 ROHM-2SA2072_09 Datasheet
135Kb / 4P
High voltage discharge, High speed switching, Low Noise (-60V, −3A)
MP6T3 ROHM-MP6T3 Datasheet
118Kb / 4P
Medium Power Transistor (−60V, −3A)
DTB114GK ROHM-DTB114GK_1 Datasheet
84Kb / 3P
−500mA / −50V Digital transistors (with built-in resistors)
UMA1N ROHM-UMA1N_1 Datasheet
70Kb / 3P
−100mA / −50V Complex digital transistors (with built-in resistors)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com